Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC401B Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC401B
Description  15A Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC401B Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC401B Datasheet HTML 18Page - Semtech Corporation SC401B Datasheet HTML 19Page - Semtech Corporation SC401B Datasheet HTML 20Page - Semtech Corporation SC401B Datasheet HTML 21Page - Semtech Corporation SC401B Datasheet HTML 22Page - Semtech Corporation SC401B Datasheet HTML 23Page - Semtech Corporation SC401B Datasheet HTML 24Page - Semtech Corporation SC401B Datasheet HTML 25Page - Semtech Corporation SC401B Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
SC401B
22
Due to the initial current limitations on the LDO during
power up (Figure 10), any external load attached to the
VDD pin must be limited to less than the start up current
before the LDO has reached 90% of its final regulation
value.
VVLDO Final
90% of
VVLDO Final
Constant current
startup @ ~ 115mA
Voltage regulating
with ~ 200mA
current limit
Short-circuit Protection @ ~ 65mA
0.7V
Figure 10 — LDO Start-Up
LDO Switch-Over Operation
The SC401B includes a switch-over function for the LDO.
The switch-over function is designed to increase efficiency
by using the more efficient DC-DC converter to power the
LDO output, avoiding the less efficient LDO regulator
when possible. The switch-over function connects the
VDD pin directly to the VOUT pin using an internal switch.
When the switch-over is complete the LDO is turned off,
which results in a power savings and maximizes efficiency.
If the LDO output is used to bias the SC401B, then after
switch-over the device is self-powered from the switching
regulator with the LDO turned off.
The switch-over starts 32 switching cycles after PGOOD
output goes high. The voltages at the VDD and VOUT pins
are then compared; if the two voltages are within ±300mV
of each other, the VDD pin connects to the VOUT pin using
an internal switch, and the LDO is turned off. To avoid
unwanted switch-over, the minimum difference between
the voltages for VOUT and VDD should be ±500mV.
It is not recommended to use the switch-over feature for
an output voltage less than VDD UVLO threshold since the
SC401B is not operational below that threshold.
Switch-over MOSFET Parasitic Diodes
The switch-over MOSFET contains parasitic diodes that
are inherent to its construction, as shown in Figure 11. If
the voltage at the VOUT pin is higher than VDD, then the
respective diode will turn on and the current will flow
through this diode. This has the potential of damaging
the device. Therefore, V
OUT must be less than VDD to
prevent damaging the device.
Switchover
MOSFET
Parasitic diode
VDD
LDO
VOUT
Switchover
control
Figure 11— Switch-over MOSFET Parasitic Diodes
Design Procedure
When designing a switch mode supply the input voltage
range, load current, switching frequency, and inductor
ripple current must be specified.
The maximum input voltage (V
INMAX) is the highest speci-
fied input voltage. The minimum input voltage ( V
INMIN) is
determined by the lowest input voltage after evaluating
the voltage drops due to connectors, fuses, switches, and
PCB traces.
The following parameters define the design.
Nominal output voltage (V
OUT)
Static or DC output tolerance
Transient response
Maximum load current (I
OUT)
•
•
•
•
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com