Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC401B Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC401B
Description  15A Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC401B Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC401B Datasheet HTML 19Page - Semtech Corporation SC401B Datasheet HTML 20Page - Semtech Corporation SC401B Datasheet HTML 21Page - Semtech Corporation SC401B Datasheet HTML 22Page - Semtech Corporation SC401B Datasheet HTML 23Page - Semtech Corporation SC401B Datasheet HTML 24Page - Semtech Corporation SC401B Datasheet HTML 25Page - Semtech Corporation SC401B Datasheet HTML 26Page - Semtech Corporation SC401B Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
SC401B
23
Applications Information (continued)
There are two values of load current to evaluate — con-
tinuous load current and peak load current. Continuous
load current relates to thermal stresses which drive the
selection of the inductor and input capacitors. Peak load
current determines instantaneous component stresses
and filtering requirements such as inductor saturation,
output capacitors, and design of the current limit circuit.
The following values are used in this design.
V
IN = 12V + 10%
V
OUT = 1.5V + 4%
VDD = 5V
f
SW = 300kHz
Load = 15A maximum
Frequency Selection
Selection of the switching frequency requires making a
trade-off between the size and cost of the external filter
components (inductor and output capacitor) and the
power conversion efficiency.
The desired switching frequency is 300kHz which results
from using components selected for optimum size and
cost.
A resistor (R
TON) is used to program the on-time (indirectly
setting the frequency) using the following equation.
SW
TON
f
pF
25
k
R
SW
INMAX
OUT
ON
f
V
V
T
Use the value associated with maximum V
IN for TON.
T
ON = 379 ns at 13.2VIN, 1.5VOUT, 300kHz
Substituting for R
TON results in the following solution.
R
TON = 133.3kΩ, use RTON = 130kΩ
Inductor Selection
In order to determine the inductance, the ripple current
must first be defined. Low inductor values result in smaller
size but create higher ripple current which can reduce
•
•
•
•
•
efficiency. Higher inductor values will reduce the ripple
current/voltage and for a given DC resistance are more
efficient. However, larger inductance translates directly
into larger packages and higher cost. Cost, size, output
ripple, and efficiency are all used in the selection process.
The ripple current will also set the boundary for PSAVE
operation. The switching will typically enter PSAVE mode
when the load current decreases to 1/2 of the ripple
current. For example, if ripple current is 4A then PSAVE
operation will typically start for loads less than 2A. If ripple
current is set at 40% of maximum load current, then PSAVE
will start for loads less than 20% of maximum current.
The inductor value is typically selected to provide a ripple
current that is between 25% to 50% of the maximum load
current. This provides an optimal trade-off between cost,
efficiency, and transient performance.
During the on-time, voltage across the inductor is
(V
IN - VOUT). The equation for determining inductance is
shown next.
RIPPLE
ON
OUT
IN
I
T
)
V
V
(
L
Example
In this example, the inductor ripple current is set equal to
30% of the maximum load current. Therefore ripple
current will be 30% x 15A or 4.5A. To find the minimum
inductance needed, use the V
IN and TON values that corre-
spond to V
INMAX.
H
99
.
0
A
5
.
4
ns
379
)
5
.
1
2
.
13
(
L
A slightly larger value of 1µH is selected. This will decrease
the maximum I
RIPPLE to 4.43A.
Note that the inductor must be rated for the maximum DC
load current plus 1/2 of the ripple current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com