Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC401B Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC401B
Description  15A Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC401B Datasheet(HTML) 1 Page - Semtech Corporation

  SC401B Datasheet HTML 1Page - Semtech Corporation SC401B Datasheet HTML 2Page - Semtech Corporation SC401B Datasheet HTML 3Page - Semtech Corporation SC401B Datasheet HTML 4Page - Semtech Corporation SC401B Datasheet HTML 5Page - Semtech Corporation SC401B Datasheet HTML 6Page - Semtech Corporation SC401B Datasheet HTML 7Page - Semtech Corporation SC401B Datasheet HTML 8Page - Semtech Corporation SC401B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© 2011 Semtech Corporation
1
SC401B
15A Integrated FET Regulator
with Programmable LDO
Features
Power System
Input voltage — 3V to 17V
Bias voltage — 3V to 5.5V LDO or external
Up to 96% peak efficiency
Integrated bootstrap switch
Programmable LDO output — 200mA
Reference tolerance — 1% T
J= -40 to +125 °C
Programmable soft-start time
Logic Input/Output Control
Independent EN controls for LDO and switcher
Programmable V
IN UVLO threshold
Power good output
Selectable PSAVE or FCM mode
Protection
Over-voltage and under-voltage
TC compensated R
DS(ON) sensed current limit
Thermal Shutdown
Output Capacitor Types
High ESR — SP, POSCAP, OSCON
Ceramic capacitors
Package
Lead-free package — 5x5mm, 32-Pin MLPQ
RoHS/WEEE compliant and Halogen free
Applications
Networking and telecommunication equipment
Printers, DSL, and STB applications
Embedded systems and power supply modules
Point of load power supplies
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Description
The SC401B is a stand-alone synchronous EcoSpeedTM buck
power supply which incorporates Semtech’s advanced
patented adaptive on-time control architecture. This pro-
vides excellent light-load efficiency and fast transient
response. It features integrated power MOSFETs, a boot-
strap switch, and a programmable LDO in a 5x5mm
package. The device is highly efficient and uses minimal
PCB area. The SC401B has the same package and pin con-
figuration as the entire SC40xB series for compatibility.
The SC401B supports using standard capacitor types such
as electrolytic or specialty polymer, in addition to ceramic,
at switching frequencies up to 1MHz. The programmable
frequency, synchronous operation, and selectable power
save provide high efficiency operation over a wide load
range.
Additional features include a programmable soft-start,
programmable cycle-by-cycle over-current limit protec-
tion, under-voltage and over-voltage protection, soft
shutdown, and selectable power save. The device also
provides separate enable inputs for the PWM controller
and LDO as well as a power good output for the PWM
controller.
The wide input range and programmable frequency make
the device extremely flexible and easy to use in a broad
range of applications.
Rev. 2.1
POWER MANAGEMENT
RTON
SC401B
FB
VOUT
VDD
VIN
SS
BST
PGND
LX
PGOOD
ILIM
LXS
EN/PSV
ENL
LXBST
RILIM
CBST
ENABLE/PSAVE
ENABLE LDO
VEXT/LDO
AGND
+
RFB1
RFB2
VOUT
COUT
L1
CIN
VIN
PGOOD
TON
1µF
CSOFT
10Ω
Typical Application Circuit


Similar Part No. - SC401B

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SC40120PT JINGHENG-SC40120PT Datasheet
738Kb / 5P
Silicon Carbide Schottky Diode
More results

Similar Description - SC401B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
10A Integrated FET Regulator with Programmable LDO
SC403 SEMTECH-SC403 Datasheet
715Kb / 32P
6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
SC414 SEMTECH-SC414 Datasheet
506Kb / 29P
6A Integrated FET Regulator with 5V LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
logo
Vishay Siliconix
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
27-Aug-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
SIC401BCD VISHAY-SIC401BCD_V01 Datasheet
2Mb / 30P
15 A microBUCK® SiC401A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
SIC403BCD VISHAY-SIC403BCD_V01 Datasheet
1Mb / 27P
6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com