Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2138CSDFP Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # R5F2138CSDFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138CSDFP Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button R5F2138CSDFP Datasheet HTML 55Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 56Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 57Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 58Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 59Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 60Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 61Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 62Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 63Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
R8C/38T-A Group
4. Electrical Characteristics
R01DS0081EJ0100 Rev.1.00
Page 59 of 60
Dec 09, 2011
Notes:
1. When selecting the digital filter by the INTi input filter select bit, use an INTi input high pulse width of either (1/digital filter
sampling frequency × 3) or the minimum value of standard, whichever is greater.
2. When selecting the digital filter by the INTi input filter select bit, use an INTi input low pulse width of either (1/digital filter
sampling frequency × 3) or the minimum value of standard, whichever is greater.
Figure 4.10
Input Timing of External Interrupt INTi and Key Input Interrupt KIj (i = 0 to 4; j = 0 to 3)
Table 4.26
Timing Requirements of External Interrupt INTi (i = 0 to 4) and Key Input Interrupt KIj
(j = 0 to 3)
Symbol
Parameter
Standard
Unit
Vcc = 2.2 V, Topr = 25°C
Vcc = 3 V, Topr = 25°C
Vcc = 5 V, Topr = 25°C
Min.
Max.
Min.
Max.
Min.
Max.
tW(INH)
INTi input high width,
KIj input high width
1000 (1)
―
380 (1)
―
250 (1)
―
ns
tW(INL)
INTi input low width,
KIj input low width
1000 (2)
―
380 (2)
―
250 (2)
―
ns
INTi input
tW(INL)
tW(INH)
KIj input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com