Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2138CSDFP Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R5F2138CSDFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138CSDFP Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R5F2138CSDFP Datasheet HTML 24Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 25Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 26Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 27Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 28Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 29Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 30Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 31Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
R8C/38T-A Group
3. Address Space
R01DS0081EJ0100 Rev.1.00
Page 28 of 60
Dec 09, 2011
Note:
1. The blank areas are reserved. No access is allowed.
Table 3.10
SFR Information (10) (1)
Address
Symbol
Register Name
After Reset
Remarks
002C0h
PUR0
Pull-Up Control Register 0
00h
002C1h
PUR1
Pull-Up Control Register 1
00h
002C2h
PUR2
Pull-Up Control Register 2
00h
002C3h
002C4h
002C5h
002C6h
002C7h
002C8h
P1DRR
Port P1 Drive Capacity Control Register
00h
002C9h
P2DRR
Port P2 Drive Capacity Control Register
00h
002CAh
002CBh
002CCh
DRR0
Drive Capacity Control Register 0
00h
002CDh
DRR1
Drive Capacity Control Register 1
00h
002CEh
DRR2
Drive Capacity Control Register 2
00h
002CFh
002D0h
VLT0
Input Threshold Control Register 0
00h
002D1h
VLT1
Input Threshold Control Register 1
00h
002D2h
VLT2
Input Threshold Control Register 2
00h
002D3h
002D4h
002D5h
002D6h
002D7h
002D8h
002D9h
002DAh
002DBh
002DCh
002DDh
002DEh
002DFh
002E0h
PORT0
Port P0 Register
XXh
002E1h
PORT1
Port P1 Register
XXh
002E2h
PD0
Port P0 Direction Register
00h
002E3h
PD1
Port P1 Direction Register
00h
002E4h
PORT2
Port P2 Register
XXh
002E5h
PORT3
Port P3 Register
XXh
002E6h
PD2
Port P2 Direction Register
00h
002E7h
PD3
Port P3 Direction Register
00h
002E8h
PORT4
Port P4 Register
XXh
002E9h
PORT5
Port P5 Register
XXh
002EAh
PD4
Port P4 Direction Register
00h
002EBh
PD5
Port P5 Direction Register
00h
002ECh
PORT6
Port P6 Register
XXh
002EDh
PORT7
Port P7 Register
XXh
002EEh
PD6
Port P6 Direction Register
00h
002EFh
PD7
Port P7 Direction Register
00h
002F0h
PORT8
Port P8 Register
XXh
002F1h
PORT9
Port P9 Register
XXh
002F2h
PD8
Port P8 Direction Register
00h
002F3h
PD9
Port P9 Direction Register
00h
002F4h
002F5h
002F6h
002F7h
002F8h
002F9h
002FAh
002FBh
002FCh
002FDh
002FEh
002FFh
00300h
to
003FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com