Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2138CSDFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F2138CSDFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138CSDFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F2138CSDFP Datasheet HTML 1Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 2Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 3Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 4Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 5Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 6Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 7Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 8Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
R8C/38T-A Group
1. Overview
R01DS0081EJ0100 Rev.1.00
Page 2 of 60
Dec 09, 2011
1.1.2
Specifications
Tables 1.1 and 1.2 outline Specifications.
Table 1.1
Specifications (1)
Item
Function
Description
CPU
Central
processing unit
R8C CPU core
• Number of fundamental instructions: 89
• Minimum instruction execution time:
50 ns (CPU clock = 20 MHz, VCC = 2.7 V to 5.5 V)
200 ns (CPU clock = 5 MHz, VCC = 1.8 V to 5.5 V)
• Multiplier: 16 bits × 16 bits
 32 bits
• Multiply-accumulate instruction: 16 bits × 16 bits + 32 bits
 32 bits
• Operating mode: Single-chip mode (address space: 1 Mbyte)
Memory
ROM, RAM,
data flash
Refer to Table 1.3 Product List.
Voltage
detection
Voltage detection
circuit
• Power-on reset
• Voltage detection with three check points (the detection levels for voltage
detection 0 and voltage detection 1 can be selected.)
I/O ports
Programmable
I/O ports
• Input only: 1
• CMOS I/O: 75, selectable pull-up resistor
• High current drive ports: 75
Clock
Clock generation
circuits
• 4 circuits: XIN clock oscillation circuit, XCIN clock oscillation circuit,
high-speed on-chip oscillator (with frequency adjustment function),
low-speed on-chip oscillator
• Oscillation stop detection: XIN clock oscillation stop detection function
• Frequency divider circuit: Divided by 1, 2, 4, 8, or 16 can be selected
• Low-power mode: Standard operating mode (high-speed clock, low-speed
clock, high-speed on-chip oscillator, low-speed on-chip
oscillator), wait mode, stop mode
Interrupts
• Number of interrupt vectors: 69
• External interrupt inputs: 9 (INT × 5, key input × 4)
• Priority levels: 7
Event link controller (ELC)
• Events output from peripheral functions can be linked to events input to
different peripheral functions.
(30 sources × 10 types of event link operations)
• Events can be handled independently from interrupt requests.
Watchdog timer
• 14 bits × 1
• Selectable reset start function
• Selectable low-speed on-chip oscillator for the watchdog timer
DTC (data transfer controller)
• 1 channel
• Activation sources: 27
• Transfer modes: 2 (normal mode, repeat mode)
Timer
Timers RJ_0
16 bits × 1: 1 circuit integrated on-chip
Timer mode (periodic timer), pulse output mode (output level inverted every
period), event counter mode, pulse width measurement mode, pulse period
measurement mode
Timer RB2_0
16 bits × 1: 1 circuit integrated on-chip
Timer mode (periodic timer), programmable waveform generation mode
(PWM output), programmable one-shot generation mode, programmable wait
one-shot generation mode
Timers RC_0
16 bits (with 4 capture/compare registers) × 1: 1 circuit integrated on-chip
Timer mode (input capture function, output compare function), PWM mode
(output: 3 pins), PWM2 mode (PWM output: 1 pin)
Timer RE2
8 bits × 1
Compare match timer mode, real-time clock mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com