Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2138CSDFP Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R5F2138CSDFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138CSDFP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R5F2138CSDFP Datasheet HTML 19Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 20Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 21Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 22Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 23Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 24Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 25Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 26Page - Renesas Technology Corp R5F2138CSDFP Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
R8C/38T-A Group
3. Address Space
R01DS0081EJ0100 Rev.1.00
Page 23 of 60
Dec 09, 2011
Note:
1. The blank areas are reserved. No access is allowed.
Table 3.5
SFR Information (5) (1)
Address
Symbol
Register Name
After Reset
Remarks
000FAh
000FBh
000FCh
000FDh
000FEh
000FFh
00100h
00101h
00102h
00103h
00104h
00105h
00106h
00107h
00108h
00109h
0010Ah
0010Bh
0010Ch
0010Dh
0010Eh
0010Fh
00110h
TRJ_0
Timer RJ_0 Counter Register
FFFFh
00111h
00112h
TRJCR_0
Timer RJ_0 Control Register
00h
00113h
TRJIOC_0
Timer RJ_0 I/O Control Register
00h
00114h
TRJMR_0
Timer RJ_0 Mode Register
00h
00115h
TRJISR_0
Timer RJ_0 Event Pin Select Register
00h
00116h
00117h
00118h
00119h
0011Ah
0011Bh
0011Ch
0011Dh
0011Eh
0011Fh
00120h
00121h
00122h
00123h
00124h
00125h
00126h
00127h
00128h
00129h
0012Ah
0012Bh
0012Ch
0012Dh
0012Eh
0012Fh
00130h
TRBCR_0
Timer RB2_0 Control Register
00h
00131h
TRBOCR_0
Timer RB2_0 One-Shot Control Register
00h
00132h
TRBIOC_0
Timer RB2_0 I/O Control Register
00h
00133h
TRBMR_0
Timer RB2_0 Mode Register
00h
00134h
TRBPRE_0
Timer RB2_0 Prescaler Register
FFh
00135h
TRBPR_0
Timer RB2_0 Primary Register
FFh
00136h
TRBSC_0
Timer RB2_0 Secondary Register
FFh
00137h
TRBIR_0
Timer RB2_0 Interrupt Request Register
00h
00138h
TRCCNT_0
Timer RC_0 Counter
0000h
00139h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com