Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F64573LFD Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F64573LFD
Description  RENESAS MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64573LFD Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F64573LFD Datasheet HTML 37Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 38Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 39Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 40Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 41Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 42Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 43Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 44Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 134 page
background image
REJ03B0234-0110
Rev.1.10
Page 41 of 129
Nov 09, 2010
R32C/157 Group
4. Special Function Registers (SFRs)
Table 4.22
SFR List (22)
Address
Register
Symbol
Reset Value
040094h
040095h
040096h
040097h Three-phase Output Buffer Control Register
IOBC
0XXX XX0Xb
040098h Input Function Select Register 0
IFS0
0000 0000b
040099h Input Function Select Register 1
IFS1
XXX0 X0X0b
04009Ah Input Function Select Register 2
IFS2
0000 0000b
04009Bh
04009Ch
04009Dh Input Function Select Register 5
IFS5
XXX0 0000b
04009Eh Input Function Select Register 6
IFS6
XXXX 0000b
04009Fh Input Function Select Register 7
IFS7
XXXX XXX0b
0400A0h Port P0_0 Function Select Register
P0_0S
0XXX X000b
0400A1h Port P1_0 Function Select Register
P1_0S
0XXX X000b
0400A2h Port P0_1 Function Select Register
P0_1S
0XXX X000b
0400A3h Port P1_1 Function Select Register
P1_1S
0XXX X000b
0400A4h Port P0_2 Function Select Register
P0_2S
0XXX X000b
0400A5h Port P1_2 Function Select Register
P1_2S
0XXX X000b
0400A6h Port P0_3 Function Select Register
P0_3S
0XXX X000b
0400A7h Port P1_3 Function Select Register
P1_3S
0XXX X000b
0400A8h Port P0_4 Function Select Register
P0_4S
0XXX X000b
0400A9h Port P1_4 Function Select Register
P1_4S
0XXX X000b
0400AAh Port P0_5 Function Select Register
P0_5S
0XXX X000b
0400ABh Port P1_5 Function Select Register
P1_5S
0XXX X000b
0400ACh Port P0_6 Function Select Register
P0_6S
0XXX X000b
0400ADh Port P1_6 Function Select Register
P1_6S
0XXX X000b
0400AEh Port P0_7 Function Select Register
P0_7S
0XXX X000b
0400AFh Port P1_7 Function Select Register
P1_7S
0XXX X000b
0400B0h Port P2_0 Function Select Register
P2_0S
0XXX X000b
0400B1h Port P3_0 Function Select Register
P3_0S
XXXX X000b
0400B2h Port P2_1 Function Select Register
P2_1S
0XXX X000b
0400B3h Port P3_1 Function Select Register
P3_1S
XXXX X000b
0400B4h Port P2_2 Function Select Register
P2_2S
0XXX X000b
0400B5h Port P3_2 Function Select Register
P3_2S
XXXX X000b
0400B6h Port P2_3 Function Select Register
P2_3S
0XXX X000b
0400B7h Port P3_3 Function Select Register
P3_3S
XXXX X000b
0400B8h Port P2_4 Function Select Register
P2_4S
0XXX X000b
0400B9h Port P3_4 Function Select Register
P3_4S
XXXX X000b
0400BAh Port P2_5 Function Select Register
P2_5S
0XXX X000b
0400BBh Port P3_5 Function Select Register
P3_5S
XXXX X000b
0400BCh Port P2_6 Function Select Register
P2_6S
0XXX X000b
0400BDh Port P3_6 Function Select Register
P3_6S
XXXX X000b
0400BEh Port P2_7 Function Select Register
P2_7S
0XXX X000b
0400BFh Port P3_7 Function Select Register
P3_7S
XXXX X000b
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com