Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F64573LFD Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R5F64573LFD
Description  RENESAS MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64573LFD Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R5F64573LFD Datasheet HTML 18Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 19Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 20Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 21Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 22Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 23Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 24Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 25Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 134 page
background image
REJ03B0234-0110
Rev.1.10
Page 22 of 129
Nov 09, 2010
R32C/157 Group
4. Special Function Registers (SFRs)
Table 4.3
SFR List (3)
Address
Register
Symbol
Reset Value
000088h DMA1 Transfer Complete Interrupt Control Register
DM1IC
XXXX X000b
000089h UART1 Start Condition/Stop Condition Detection Interrupt
Control Register
BCN1IC
XXXX X000b
00008Ah DMA3 Transfer Complete Interrupt Control Register
DM3IC
XXXX X000b
00008Bh Key Input Interrupt Control Register
KUPIC
XXXX X000b
00008Ch Timer A1 Interrupt Control Register
TA1IC
XXXX X000b
00008Dh Intelligent I/O Interrupt Control Register 1
IIO1IC
XXXX X000b
00008Eh Timer A3 Interrupt Control Register
TA3IC
XXXX X000b
00008Fh Intelligent I/O Interrupt Control Register 3
IIO3IC
XXXX X000b
000090h UART0 Transmit/NACK Interrupt Control Register
S0TIC
XXXX X000b
000091h Intelligent I/O Interrupt Control Register 5
IIO5IC
XXXX X000b
000092h UART1 Transmit/NACK Interrupt Control Register
S1TIC
XXXX X000b
000093h Intelligent I/O Interrupt Control Register 7
IIO7IC
XXXX X000b
000094h Timer B0 Interrupt Control Register
TB0IC
XXXX X000b
000095h Intelligent I/O Interrupt Control Register 9
IIO9IC
XXXX X000b
000096h Timer B2 Interrupt Control Register
TB2IC
XXXX X000b
000097h Intelligent I/O Interrupt Control Register 11
IIO11IC
XXXX X000b
000098h Timer B4 Interrupt Control Register
TB4IC
XXXX X000b
000099h
00009Ah INT4 Interrupt Control Register
INT4IC
XX00 X000b
00009Bh CAN1 Wake-up Interrupt Control Register
C1WIC
XXXX X000b
00009Ch INT2 Interrupt Control Register
INT2IC
XX00 X000b
00009Dh
00009Eh INT0 Interrupt Control Register
INT0IC
XX00 X000b
00009Fh
0000A0h Intelligent I/O Interrupt Request Register 0
IIO0IR
0000 0XX1b
0000A1h Intelligent I/O Interrupt Request Register 1
IIO1IR
0000 0XX1b
0000A2h Intelligent I/O Interrupt Request Register 2
IIO2IR
0000 0X01b
0000A3h Intelligent I/O Interrupt Request Register 3
IIO3IR
0000 XXX1b
0000A4h Intelligent I/O Interrupt Request Register 4
IIO4IR
000X XXX1b
0000A5h Intelligent I/O Interrupt Request Register 5
IIO5IR
0000 XXX1b
0000A6h Intelligent I/O Interrupt Request Register 6
IIO6IR
0000 XXX1b
0000A7h Intelligent I/O Interrupt Request Register 7
IIO7IR
000X XXX1b
0000A8h Intelligent I/O Interrupt Request Register 8
IIO8IR
000X XXX1b
0000A9h Intelligent I/O Interrupt Request Register 9
IIO9IR
0X00 XXX1b
0000AAh Intelligent I/O Interrupt Request Register 10
IIO10IR
0X00 XXX1b
0000ABh Intelligent I/O Interrupt Request Register 11
IIO11IR
0X0X XXX1b
0000ACh
0000ADh
0000AEh
0000AFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com