Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F64573LFD Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # R5F64573LFD
Description  RENESAS MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64573LFD Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button R5F64573LFD Datasheet HTML 16Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 17Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 18Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 19Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 20Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 21Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 22Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 23Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 134 page
background image
REJ03B0234-0110
Rev.1.10
Page 20 of 129
Nov 09, 2010
R32C/157 Group
4. Special Function Registers (SFRs)
4.
Special Function Registers (SFRs)
SFRs are memory-mapped peripheral registers that control the operation of peripherals. Table 4.1 SFR List
(1) to Table 4.72 SFR List (72) list the SFR details.
Table 4.1
SFR List (1)
Address
Register
Symbol
Reset Value
000000h
000001h
000002h
000003h
000004h Clock Control Register
CCR
0001 1000b
000005h
000006h Flash Memory Control Register
FMCR
0000 0001b
000007h Protect Release Register
PRR
00h
000008h
000009h
00000Ah
00000Bh
00000Ch
00000Dh
00000Eh
00000Fh
000010h
000011h
000012h
000013h
000014h
000015h
000016h
000017h
000018h
000019h
00001Ah
00001Bh
00001Ch Flash Memory Rewrite Bus Control Register
FEBC
0000h
00001Dh
00001Eh Peripheral Bus Control Register
PBC
0504h
00001Fh
000020h to
00005Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com