Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F64573LFD Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F64573LFD
Description  RENESAS MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64573LFD Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F64573LFD Datasheet HTML 20Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 21Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 22Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 23Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 24Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 25Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 26Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 27Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 134 page
background image
REJ03B0234-0110
Rev.1.10
Page 24 of 129
Nov 09, 2010
R32C/157 Group
4. Special Function Registers (SFRs)
Table 4.5
SFR List (5)
Address
Register
Symbol
Reset Value
0000E0h Serial Bus Interface 1 Interrupt Control Register
SS1IC
XXXX X000b
0000E1h CAN0 Receive Interrupt Control Register
C0RIC
XXXX X000b
0000E2h
0000E3h CAN1 Transmit Interrupt Control Register
C1TIC
XXXX X000b
0000E4h
0000E5h CAN1 Error Interrupt Control Register
C1EIC
XXXX X000b
0000E6h
0000E7h CAN2 Receive Interrupt Control Register
C2RIC
XXXX X000b
0000E8h
0000E9h
0000EAh
0000EBh
0000ECh
0000EDh
0000EEh
0000EFh
0000F0h CAN0 Receive FIFO Interrupt Control Register
C0FRIC
XXXX X000b
0000F1h
0000F2h CAN1 Receive FIFO Interrupt Control Register
C1FRIC
XXXX X000b
0000F3h
0000F4h CAN2 Receive FIFO Interrupt Control Register
C2FRIC
XXXX X000b
0000F5h LIN1 Interrupt Control Register
L1IC
XXXX X000b
0000F6h
0000F7h LIN3 Interrupt Control Register
L3IC
XXXX X000b
0000F8h
0000F9h
0000FAh
0000FBh
0000FCh INT8 Interrupt Control Register
INT8IC
XX00 X000b
0000FDh UART3 Receive Interrupt Control Register
S3RIC
XXXX X000b
0000FEh INT6 Interrupt Control Register
INT6IC
XX00 X000b
0000FFh UART4 Receive Interrupt Control Register
S4RIC
XXXX X000b
000100h Group 1 Time Measurement/Waveform Generation Register 0
G1TM0/G1PO0
XXXXh
000101h
000102h Group 1 Time Measurement/Waveform Generation Register 1
G1TM1/G1PO1
XXXXh
000103h
000104h Group 1 Time Measurement/Waveform Generation Register 2
G1TM2/G1PO2
XXXXh
000105h
000106h Group 1 Time Measurement/Waveform Generation Register 3
G1TM3/G1PO3
XXXXh
000107h
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com