Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F64573LFD Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # R5F64573LFD
Description  RENESAS MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64573LFD Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R5F64573LFD Datasheet HTML 97Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 98Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 99Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 100Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 101Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 102Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 103Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 104Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 134 page
background image
REJ03B0234-0110
Rev.1.10
Page 101 of 129
Nov 09, 2010
R32C/157 Group
5. Electrical Characteristics
Notes:
1.
This value is the deviation from target frequency.
2.
This value is applicable only when the main clock oscillation is stable.
3.
This value is the time until the PLF1 bit in the PLS register becomes 1.
Table 5.11
Electrical Characteristics of Voltage Regulator for Internal Logic
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ.
Max.
VVDC1
Output voltage
1.5
V
Table 5.12
Electrical Characteristics of Low Voltage Detector
(VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ.
Max.
ΔVdet
Detected voltage error
±0.2
V
Vdet(R)-Vdet(F) Hysteresis width
0
V
—
Self-consuming current
VCC = 5.0 V, low voltage
detector enabled
4µA
td(E-A)
Operation start time of low voltage detector
150
µs
Table 5.13
Electrical Characteristics of Oscillator
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ.
Max.
fSO(PLL)
PLL clock self-oscillation frequency
35
50
65
MHz
|
Δf
LOCK|
Lock detection (1)
2%
|
Δf
UNLOCK|
Unlock detection (1)
2%
tLOCK(PLL)
PLL lock time (2, 3)
f(XRef) =4MHz
1ms
tjitter(p-p)
PLL jitter period (p-p)
2.0
ns
f(OCO)
On-chip oscillator frequency
94
125
156
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com