Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF620 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF620
Description  434MHz ISM Band Transceiver Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF620 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF620 Datasheet HTML 5Page - Micrel Semiconductor MICRF620 Datasheet HTML 6Page - Micrel Semiconductor MICRF620 Datasheet HTML 7Page - Micrel Semiconductor MICRF620 Datasheet HTML 8Page - Micrel Semiconductor MICRF620 Datasheet HTML 9Page - Micrel Semiconductor MICRF620 Datasheet HTML 10Page - Micrel Semiconductor MICRF620 Datasheet HTML 11Page - Micrel Semiconductor MICRF620 Datasheet HTML 12Page - Micrel Semiconductor MICRF620 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Micrel, Inc.
MICRF620/MICRF620Z
July 2006
9
M9999-120205
How to write:
•
Bring CS high
•
Use SCLK and IO to clock in the 23 octets
•
Bring CS low
Refer to the figure in the next section, “Writing to n
registers having incremental addresses”.
Writing to n Registers Having Incremental Addresses
In addition to entering all bytes, it is also possible to enter
a set of n bytes, starting from address i = “A6, A5, … A0”.
Typical example: Clock in a new set of frequency dividers
(i.e. change the RF frequency). “Incremental addresses”.
Registers to be written are located in i, i+1, i+2.
What to write:
Field
Comments
Address:
7 bit = A6, A5, …A0 (A6 = msb. A0 = lsb) (address of first byte to
write to)
R/W bit:
“0” for writing
Values:
n* 8 bits =
D7, D6, …D0 (D7 = msb, D0 = lsb) (written to control reg. with
address ”i”)
D7, D6, …D0 (D7 = msb, D0 = lsb) (written to control reg. with
address ”i+1”)
D7, D6, …D0 (D7 = msb, D0 = lsb) (written to control reg. with
address ”i+n-1”)
Table 5. “Address” and “R/W bit” together make 1 octet.
In addition, n octets with programming bits are entered.
Totally. 1 +n octets are clocked into the MICRF620.
How to write:
•
Bring CS high
•
Use SCLK and IO to clock in the 1 + n octets
•
Bring CS low
In Figure 1, IO is changed at positive edges of SCLK. The
MICRF620 samples the IO line at negative edges. The
value of the R/W bits is always “0” for writing.
CS
SCLK
IO
A6
A5
A0
RW
D7
D6
D2
D1
D0
Address of first
RW
register to write to,
register i
Data to write
into register i
Internal load pulse made here
Data to write
into register i+1
Figure 2. How to write to many Control Registers
Reading from the Control Registers in MICRF620
The “read-sequence” is:
1. Enter address and R/W bit
2. Change direction of IO line
3. Read out a number of octets and change IO
direction back again.
It is possible to read all, 1 or n registers. The address to
read from (or the first address to read from) can be any
valid address (0-22). Reading is not destructive, i.e. values
are not changed. The IO line is output from the MICRF620
(input to user) for a part of the read-sequence. Refer to
procedure description below.
A read-sequence is described for reading n registers,
where n is number 1-23.
Reading n Registers from MICRF620
CS
SCLK
IO
A6
A5
A0
RW D7
D6
D0
Address of register i
RWData read from reg. i
Simple time
IO Input
IO Output
Figure 3. How to read from many Control Registers
In Figure 3, 1 register is read. The address is A6, A5, …
A0. A6 = msb. The data read out is D7, D6, …D0. The
value of the R/W bit is always “1” for reading.
SCLK and IO together form a serial interface. SCLK is
applied externally for reading as well as for writing.
•
Bring CS active
•
Enter address to read from (or the first address to
read from) (7 bits) and
•
The R/W bit = 1 to enable reading
•
Make the IO line an input to the user (set pin in
tristate)
•
Read n octets. The first rising edge of SCLK will
set the IO as an output from the MICRF620.
MICRF will change the IO line at positive edges.
The user should read the IO line at the negative
edges.
•
Make the IO line an output from the user again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com