Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF620 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF620
Description  434MHz ISM Band Transceiver Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF620 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF620 Datasheet HTML 1Page - Micrel Semiconductor MICRF620 Datasheet HTML 2Page - Micrel Semiconductor MICRF620 Datasheet HTML 3Page - Micrel Semiconductor MICRF620 Datasheet HTML 4Page - Micrel Semiconductor MICRF620 Datasheet HTML 5Page - Micrel Semiconductor MICRF620 Datasheet HTML 6Page - Micrel Semiconductor MICRF620 Datasheet HTML 7Page - Micrel Semiconductor MICRF620 Datasheet HTML 8Page - Micrel Semiconductor MICRF620 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Micrel, Inc.
MICRF620/MICRF620Z
July 2006
4
M9999-120205
Pin Configuration
MICRF620 TR
11.5 x 14.1 mm
(Top view)
Pin Description
Pin Number
Pin Name
Type
Pin Function
1
NC
Not connected
2
NC
Not connected
3
CS
I
Chip select, three wire programming interface
4
SCLK
I
Clock, three wire programming interface
5
IO
I/O
Data, three wire programming interface
6
DATAIXO
I/O
Data receive/transmit, bi-directional
7
DATACLK
O
Data clock receive/transmit
8
LD
O
Lock detect
9
RSSI
O
Receive signal strength indicator
10
GND
Ground
11
GND
Ground
12
GND
Ground
13
ANT
I/O
RF In/Out
14
GND
Ground
15
VDD
VDD (2.0-2.5V)
16
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com