Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF620 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF620
Description  434MHz ISM Band Transceiver Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF620 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF620 Datasheet HTML 9Page - Micrel Semiconductor MICRF620 Datasheet HTML 10Page - Micrel Semiconductor MICRF620 Datasheet HTML 11Page - Micrel Semiconductor MICRF620 Datasheet HTML 12Page - Micrel Semiconductor MICRF620 Datasheet HTML 13Page - Micrel Semiconductor MICRF620 Datasheet HTML 14Page - Micrel Semiconductor MICRF620 Datasheet HTML 15Page - Micrel Semiconductor MICRF620 Datasheet HTML 16Page - Micrel Semiconductor MICRF620 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Micrel, Inc.
MICRF620/MICRF620Z
July 2006
13
M9999-120205
VCO frequency gain, Vdd=2.5V
380
400
420
440
460
480
0
0,4
0,8
1,2
1,6
2
2,4
V_varactor [V]
11
10
01
00
Figure 6. RF Frequency vs. Varactor Voltage
and VCO Frequency bit (V
= 2.5V)
DD
Lock Detect
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000001
‘1’
‘0’
‘0’
‘0’
RSSI_en
LD_en
PF_FC1
PF_FC0
A lock detector can be enabled by setting LD_en = 1.
When pin LD is high, it indicates that the PLL is in lock.
When entering TX, the procedure is first to load the TX
word and then turn on the PA stage. During the PA ramp
up time, the LD signal may indicate out of lock. It is first
when the PA stage is fully on that the LD signal will
indicate in “Lock”. During transmission, the Lock Detect
signal will have transitions and the user should therefore,
ignore the Lock detect signal.
Modes of Operation
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000000
LNA_by
PA2
PA1
PA0
Sync_en
Mode1
Mode0
’1’
Mode1
Mode0
State
Comments
0
0
Power down
Keeps register configuration
0
1
Standby
Only crystal oscillator running
1
0
Receive
Full receive
1
1
Transmit
Full transmit ex PA state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com