Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF620 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF620
Description  434MHz ISM Band Transceiver Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF620 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF620 Datasheet HTML 1Page - Micrel Semiconductor MICRF620 Datasheet HTML 2Page - Micrel Semiconductor MICRF620 Datasheet HTML 3Page - Micrel Semiconductor MICRF620 Datasheet HTML 4Page - Micrel Semiconductor MICRF620 Datasheet HTML 5Page - Micrel Semiconductor MICRF620 Datasheet HTML 6Page - Micrel Semiconductor MICRF620 Datasheet HTML 7Page - Micrel Semiconductor MICRF620 Datasheet HTML 8Page - Micrel Semiconductor MICRF620 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Micrel, Inc.
MICRF620/MICRF620Z
July 2006
3
M9999-120205
RadioWire
® RF Module Selection Guide
Device
Frequency
Range
Data Rate
Receive
Supply
Voltage
Transmit
Modulation
Type
Package
MICRF600
902-928 MHz
<20 kbps
13.5 mA
2.0-2.5 v
28 mA
FSK
11.5x14.1 mm
MICRF600Z
Lead-free MICRF600
MICRF610
868-870 MHz
<15 kbps
13.5 mA
2.0-2.5 v
28 mA
FSK
11.5x14.1 mm
MICRF610Z
Lead-free MICRF610
MICRF620
430-440 MHz
<20 kbps
12.0 mA
2.0-2.5 v
24 mA
FSK
11.5x14.1 mm
MICRF620Z
Lead-free MICRF620
RFB433B
430-440 MHz
19.2 kbaud
8 mA
2.5-3.4 V
42 mA
FSK
1”x1”
RFB868B
868-870 MHz
19.2 kbaud
10 mA
2.5-3.4 V
50 mA
FSK
1”x1”
RFB915B
902-928 MHz
19.2 kbaud
10 mA
2.5-3.4 V
50 mA
FSK
1”x1”
Ordering Information
Part Number
Junction Temp. Range
(1)
Package
MICRF620 TR
–20° to +75°C
11.5 x 14.1mm
MICRF620Z TR
–20° to +75°C
11.5 x 14.1mm
Block Diagram
VCO
Bias
RSSI
DATAIXO
DATACLK
LD
ANT
Sallen-key
Sallen-key
Main
filter
Main
filter
DIV 4
LO-Buffer
Frequency
Synthesiser
RSSI
XCO
CS
IO
SCLK
MICRF620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com