Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5521 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NX5521
Description  LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX5521 Datasheet(HTML) 4 Page - Renesas Technology Corp

  NX5521 Datasheet HTML 1Page - Renesas Technology Corp NX5521 Datasheet HTML 2Page - Renesas Technology Corp NX5521 Datasheet HTML 3Page - Renesas Technology Corp NX5521 Datasheet HTML 4Page - Renesas Technology Corp NX5521 Datasheet HTML 5Page - Renesas Technology Corp NX5521 Datasheet HTML 6Page - Renesas Technology Corp NX5521 Datasheet HTML 7Page - Renesas Technology Corp NX5521 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NX5521 Series
Chapter Title
R08DS0028EJ0100 Rev.1.00
Page 4 of 6
Oct 06, 2010
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating Voltage
Vop
Po = 5.0 mW, TC =
−40 to +85°C
1.1
1.5
V
Threshold Current
Ith
8
20
mA
TC = 85
°C
20
40
Differential Efficiency
ηd
0.15
0.25
W/A
Center Wavelength
λC
Po = 5.0 mW, RMS (
−20 dB)
TC =
−40 to +85°C
1 480
1 580
nm
Spectral Width
σ
Po = 5.0 mW, RMS (
−20 dB)
TC =
−40 to +85°C
1.5
3.0
nm
Rise Time
tr
10-90%
0.7
ns
Fall Time
tf
90-10%
0.7
ns
Lateral Beam Angle
θ//
Po = 5.0 mW
11
deg.
Vertical Beam Angle
θ⊥
Po = 5.0 mW
11
deg.
Monitor Current
Im
VR = 5 V, Po = 5.0 mW
200
1 000
μA
Monitor Dark Current
ID
VR = 5 V
0.1
10
nA
VR = 5 V, TC =
−40 to +85°C
500
Monitor PD Terminal Capacitance
Ct
VR = 5 V, f = 1 MHz
6
20
pF
Tracking Error
*1
γ
Im = const. (@ Po = 5.0 mW, TC = 25
°C)
TC =
−40 to +85°C
−1.0
1.0
dB
*1
Tracking Error:
γ
0
Im
Im
TC = 25
°C
TC = –40 to +85
°C
Po
(mW)
Po
5.0
(mA)
γ = 10 log
[dB]
Po
5.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com