Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5521 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NX5521
Description  LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX5521 Datasheet(HTML) 3 Page - Renesas Technology Corp

  NX5521 Datasheet HTML 1Page - Renesas Technology Corp NX5521 Datasheet HTML 2Page - Renesas Technology Corp NX5521 Datasheet HTML 3Page - Renesas Technology Corp NX5521 Datasheet HTML 4Page - Renesas Technology Corp NX5521 Datasheet HTML 5Page - Renesas Technology Corp NX5521 Datasheet HTML 6Page - Renesas Technology Corp NX5521 Datasheet HTML 7Page - Renesas Technology Corp NX5521 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NX5521 Series
Chapter Title
R08DS0028EJ0100 Rev.1.00
Page 3 of 6
Oct 06, 2010
ORDERING INFORMATION
Part Number
Package
Pin Connections
NX5521EH
4-pin CAN with ball lens cap
1
2
3
4
LD
PD
NX5521EK
1
4
3
2
LD
PD
Remarks 1. The color of ball lens cap might be observed differently.
2. The hermetic test will be performed as AQL 1.0%.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Optical Output Power
Po
10
mW
Forward Current of LD
IF
150
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
15
V
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°C
Relative Humidity (noncondensing)
RH
85
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com