Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5521 Datasheet (PDF) - Renesas Technology Corp

NX5521 Datasheet PDF - Renesas Technology Corp
Part # NX5521
Download  NX5521 Download
File Size   192.9 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE

NX5521 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX5521 Datasheet PDF - Renesas Technology Corp

Part # NX5521
Download  NX5521 Click to download

File Size   192.9 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE

NX5521 Datasheet (HTML) - Renesas Technology Corp


NX5521 Product details

DESCRIPTION
The NX5521 Series is a 1 550 nm Multiple Quantum Well (MQW) structured Fabry-Perot (FP) laser diodes with InGaAs monitor PIN-PD. These devices are designed and ideal for Fiber To The Home (FTTH).

FEATURES
• Optical output power Po = 5.0 mW
• Low threshold current lth = 8 mA
• Differential efficiency ηd = 0.25 W/A
• Wide operating temperature range TC = −40 to +85°C
• InGaAs monitor PIN-PD
• CAN package φ 5.6 mm
• Fiber coupling point 5.8 mm

APPLICATION
• 155 Mbps FTTH P2P (Fiber To The Home Point to Point) system




Similar Part No. - NX5521

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5521 CEL-NX5521 Datasheet
182Kb / 7P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5521EH CEL-NX5521EH Datasheet
182Kb / 7P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5521EK CEL-NX5521EK Datasheet
182Kb / 7P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
More results


Similar Description - NX5521

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5315EH CEL-NX5315EH_06 Datasheet
283Kb / 7P
1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5504 CEL-NX5504_06 Datasheet
303Kb / 8P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5522 RENESAS-NX5522 Datasheet
201Kb / 8P
LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX5522 CEL-NX5522 Datasheet
185Kb / 7P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5521 CEL-NX5521 Datasheet
182Kb / 7P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5323EH CEL-NX5323EH Datasheet
173Kb / 7P
1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5317 CEL-NX5317 Datasheet
338Kb / 9P
1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
NX5313 RENESAS-NX5313 Datasheet
220Kb / 9P
1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com