Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5521 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NX5521
Description  LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX5521 Datasheet(HTML) 1 Page - Renesas Technology Corp

  NX5521 Datasheet HTML 1Page - Renesas Technology Corp NX5521 Datasheet HTML 2Page - Renesas Technology Corp NX5521 Datasheet HTML 3Page - Renesas Technology Corp NX5521 Datasheet HTML 4Page - Renesas Technology Corp NX5521 Datasheet HTML 5Page - Renesas Technology Corp NX5521 Datasheet HTML 6Page - Renesas Technology Corp NX5521 Datasheet HTML 7Page - Renesas Technology Corp NX5521 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
R08DS0028EJ0100 Rev.1.00
Page 1 of 6
Oct 06, 2010
Preliminary Data Sheet
NX5521 Series
LASER DIODE
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
DESCRIPTION
The NX5521 Series is a 1 550 nm Multiple Quantum Well (MQW) structured
Fabry-Perot (FP) laser diodes with InGaAs monitor PIN-PD. These devices are
designed and ideal for Fiber To The Home (FTTH).
APPLICATION
• 155 Mbps FTTH P2P (Fiber To The Home Point to Point) system
FEATURES
• Optical output power
Po = 5.0 mW
• Low threshold current
lth = 8 mA
• Differential efficiency
ηd = 0.25 W/A
• Wide operating temperature range
TC =
−40 to +85°C
• InGaAs monitor PIN-PD
• CAN package
φ 5.6 mm
• Fiber coupling point
5.8 mm
R08DS0028EJ0100
Rev.1.00
Oct 06, 2010


Similar Part No. - NX5521

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5521 CEL-NX5521 Datasheet
182Kb / 7P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5521EH CEL-NX5521EH Datasheet
182Kb / 7P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5521EK CEL-NX5521EK Datasheet
182Kb / 7P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
More results

Similar Description - NX5521

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5315EH CEL-NX5315EH_06 Datasheet
283Kb / 7P
1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5504 CEL-NX5504_06 Datasheet
303Kb / 8P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5522 RENESAS-NX5522 Datasheet
201Kb / 8P
LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX5522 CEL-NX5522 Datasheet
185Kb / 7P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5521 CEL-NX5521 Datasheet
182Kb / 7P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5323EH CEL-NX5323EH Datasheet
173Kb / 7P
1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5317 CEL-NX5317 Datasheet
338Kb / 9P
1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
NX5313 RENESAS-NX5313 Datasheet
220Kb / 9P
1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com