Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C566C-RFS Datasheet(PDF) 3 Page - Marktech Corporate

Part # C566C-RFS
Description  Cree짰 5mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C566C-RFS Datasheet(HTML) 3 Page - Marktech Corporate

  C566C-RFS Datasheet HTML 1Page - Marktech Corporate C566C-RFS Datasheet HTML 2Page - Marktech Corporate C566C-RFS Datasheet HTML 3Page - Marktech Corporate C566C-RFS Datasheet HTML 4Page - Marktech Corporate C566C-RFS Datasheet HTML 5Page - Marktech Corporate C566C-RFS Datasheet HTML 6Page - Marktech Corporate C566C-RFS Datasheet HTML 7Page - Marktech Corporate C566C-RFS Datasheet HTML 8Page - Marktech Corporate C566C-RFS Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
CLD-CT943.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 20 mA)
Green
Bin Code
Min.(mcd)
Max.(mcd)
V0
2130
3000
W0
3000
4180
X0
4180
5860
Y0
5860
8200
Z0
8200
12000
Blue
Bin Code
Min.(mcd)
Max.(mcd)
S0
770
1100
T0
1100
1520
U0
1520
2130
V0
2130
3000
W0
3000
4180
Tolerance of measurement of luminous intensity is ±15%
Color Bin Limit (I
F = 20 mA)
Tolerance of measurement of dominant wavelength is ±1 nm
Green
Bin Code
Min. (nm)
Max. (nm)
G7
520
525
G8
525
530
G9
530
535
Blue
Bin Code
Min. (nm)
Max. (nm)
B3
460
465
B4
465
470
B5
470
475
Red
Bin Code
Min.(mcd)
Max.(mcd)
T0
1100
1520
U0
1520
2130
V0
2130
3000
W0
3000
4180
Amber
Bin Code
Min.(mcd)
Max.(mcd)
U0
1520
2130
V0
2130
3000
W0
3000
4180
Red
Bin Code
Min.
(nm)
Max.
(nm)
RB
619
624
Amber
Bin Code
Min.
(nm)
Max.
(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com