Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C566C-RFS Datasheet(PDF) 5 Page - Marktech Corporate

Part # C566C-RFS
Description  Cree짰 5mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C566C-RFS Datasheet(HTML) 5 Page - Marktech Corporate

  C566C-RFS Datasheet HTML 1Page - Marktech Corporate C566C-RFS Datasheet HTML 2Page - Marktech Corporate C566C-RFS Datasheet HTML 3Page - Marktech Corporate C566C-RFS Datasheet HTML 4Page - Marktech Corporate C566C-RFS Datasheet HTML 5Page - Marktech Corporate C566C-RFS Datasheet HTML 6Page - Marktech Corporate C566C-RFS Datasheet HTML 7Page - Marktech Corporate C566C-RFS Datasheet HTML 8Page - Marktech Corporate C566C-RFS Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
CLD-CT943.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Blue
C566C-BFS-CS0W0351
770
4180
B3
460
B5
475
Bulk
Yes
Blue
C566C-BFS-CS0W0451
770
4180
B4
465
B5
475
Bulk
Yes
Blue
C566C-BFS-CT0U0341
1100
2130
B3
460
B4
470
Bulk
Yes
Blue
C566C-BFS-CT0U0451
1100
2130
B4
465
B5
475
Bulk
Yes
Blue
C566C-BFS-CU0V0341
1520
3000
B3
460
B4
470
Bulk
Yes
Blue
C566C-BFS-CU0V0451
1520
3000
B4
465
B5
475
Bulk
Yes
Blue
C566C-BFN-CS0W0351
770
4180
B3
460
B5
475
Bulk
No
Blue
C566C-BFN-CS0W0451
770
4180
B4
465
B5
475
Bulk
No
Blue
C566C-BFN-CT0U0341
1100
2130
B3
460
B4
470
Bulk
No
Blue
C566C-BFN-CT0U0451
1100
2130
B4
465
B5
475
Bulk
No
Blue
C566C-BFN-CU0V0341
1520
3000
B3
460
B4
470
Bulk
No
Blue
C566C-BFN-CU0V0451
1520
3000
B4
465
B5
475
Bulk
No
Blue
C566C-BFS-CS0W0352
770
4180
B3
460
B5
475
Ammo
Yes
Blue
C566C-BFS-CS0W0452
770
4180
B4
465
B5
475
Ammo
Yes
Blue
C566C-BFS-CT0U0342
1100
2130
B3
460
B4
470
Ammo
Yes
Blue
C566C-BFS-CT0U0452
1100
2130
B4
465
B5
475
Ammo
Yes
Blue
C566C-BFS-CU0V0342
1520
3000
B3
460
B4
470
Ammo
Yes
Blue
C566C-BFS-CU0V0452
1520
3000
B4
465
B5
475
Ammo
Yes
Blue
C566C-BFN-CS0W0352
770
4180
B3
460
B5
475
Ammo
No
Blue
C566C-BFN-CS0W0452
770
4180
B4
465
B5
475
Ammo
No
Blue
C566C-BFN-CT0U0342
1100
2130
B3
460
B4
470
Ammo
No
Blue
C566C-BFN-CT0U0452
1100
2130
B4
465
B5
475
Ammo
No
Blue
C566C-BFN-CU0V0342
1520
3000
B3
460
B4
470
Ammo
No
Blue
C566C-BFN-CU0V0452
1520
3000
B4
465
B5
475
Ammo
No



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com