Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C566C-RFS Datasheet(PDF) 1 Page - Marktech Corporate

Part # C566C-RFS
Description  Cree짰 5mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C566C-RFS Datasheet(HTML) 1 Page - Marktech Corporate

  C566C-RFS Datasheet HTML 1Page - Marktech Corporate C566C-RFS Datasheet HTML 2Page - Marktech Corporate C566C-RFS Datasheet HTML 3Page - Marktech Corporate C566C-RFS Datasheet HTML 4Page - Marktech Corporate C566C-RFS Datasheet HTML 5Page - Marktech Corporate C566C-RFS Datasheet HTML 6Page - Marktech Corporate C566C-RFS Datasheet HTML 7Page - Marktech Corporate C566C-RFS Datasheet HTML 8Page - Marktech Corporate C566C-RFS Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
Cree® 5mm Oval LED
C566C-RFS/GFS/BFS/AFS
C566C-RFN/GFN/BFN/AFN
This oval LED is specifically designed for variable-message signs and
passenger-information signs. The oval-shaped radiation pattern and high
luminous intensity ensure that these devices are excellent for wide-field-
of-view outdoor applications where a wide viewing angle and readability in
sunlight are essential.
These lamps are tinted and diffused. The encapsulation resin contains anti-
UV material in order to reduce the effects of long-term exposure to direct
sunlight.
FEATURES
Size (mm): 5
Color and Typical Dominant Wavelength (nm):
»
Red(621)
»
Green (527)
»
Blue (470)
»
Amber (591)
Luminous Intensity (mcd)
»
Red (1100-4180)
»
Green (2130-12000)
»
Blue (770-4180)
»
Amber (1520-4180)
Viewing Angle: 70 x 35 degree
Lead-Free
RoHS-Compliant
APPLICATIONS
Electronic Signs & Signals (ESS)
Full-Color Video Screen
Motorway Signs
Variable-Message Sign (VMS)
Advertising Signs
Petrol Signs


Similar Part No. - C566C-RFS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-RFS CREE-C566C-RFS Datasheet
652Kb / 10P
5mm Oval LED
C566C-RFS-CT0W0BB1 CREE-C566C-RFS-CT0W0BB1 Datasheet
652Kb / 10P
5mm Oval LED
C566C-RFS-CT0W0BB2 CREE-C566C-RFS-CT0W0BB2 Datasheet
652Kb / 10P
5mm Oval LED
C566C-RFS-CU0V0BB1 CREE-C566C-RFS-CU0V0BB1 Datasheet
652Kb / 10P
5mm Oval LED
C566C-RFS-CU0V0BB2 CREE-C566C-RFS-CU0V0BB2 Datasheet
652Kb / 10P
5mm Oval LED
More results

Similar Description - C566C-RFS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-GFS CREE-C566C-GFS Datasheet
313Kb / 6P
5mm Oval LED
C566C-RFS CREE-C566C-RFS Datasheet
652Kb / 10P
5mm Oval LED
logo
Marktech Corporate
C503D-WAN MARKTECH-C503D-WAN Datasheet
701Kb / 9P
Cree짰 5mm Round LED
C535A-WJN MARKTECH-C535A-WJN Datasheet
509Kb / 9P
Cree짰 5mm Round LED
C566C MARKTECH-C566C_15 Datasheet
652Kb / 10P
5mm Oval LED
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
Cree짰 5mm Round LED
C543A-WMN CREE-C543A-WMN Datasheet
876Kb / 13P
Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
Cree짰 5mm Round LED
C503T-WAN CREE-C503T-WAN Datasheet
1,014Kb / 10P
Cree짰 5mm Round LED
C534T-WLN CREE-C534T-WLN Datasheet
845Kb / 9P
Cree짰 5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com