Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C566C-RFS Datasheet(PDF) 4 Page - Marktech Corporate

Part # C566C-RFS
Description  Cree짰 5mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C566C-RFS Datasheet(HTML) 4 Page - Marktech Corporate

  C566C-RFS Datasheet HTML 1Page - Marktech Corporate C566C-RFS Datasheet HTML 2Page - Marktech Corporate C566C-RFS Datasheet HTML 3Page - Marktech Corporate C566C-RFS Datasheet HTML 4Page - Marktech Corporate C566C-RFS Datasheet HTML 5Page - Marktech Corporate C566C-RFS Datasheet HTML 6Page - Marktech Corporate C566C-RFS Datasheet HTML 7Page - Marktech Corporate C566C-RFS Datasheet HTML 8Page - Marktech Corporate C566C-RFS Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
CLD-CT943.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Red
C566C-RFS-CT0W0BB1
1100
4180
RB
619
RB
624
Bulk
Yes
Red
C566C-RFS-CU0V0BB1
1520
3000
RB
619
RB
624
Bulk
Yes
Red
C566C-RFS-CV0W0BB1
2130
4180
RB
619
RB
624
Bulk
Yes
Red
C566C-RFN-CT0W0BB1
1100
4180
RB
619
RB
624
Bulk
No
Red
C566C-RFN-CU0V0BB1
1520
3000
RB
619
RB
624
Bulk
No
Red
C566C-RFN-CV0W0BB1
2130
4180
RB
619
RB
624
Bulk
No
Red
C566C-RFS-CT0W0BB2
1100
4180
RB
619
RB
624
Ammo
Yes
Red
C566C-RFS-CU0V0BB2
1520
3000
RB
619
RB
624
Ammo
Yes
Red
C566C-RFS-CV0W0BB2
2130
4180
RB
619
RB
624
Ammo
Yes
Red
C566C-RFN-CT0W0BB2
1100
4180
RB
619
RB
624
Ammo
No
Red
C566C-RFN-CU0V0BB2
1520
3000
RB
619
RB
624
Ammo
No
Red
C566C-RFN-CV0W0BB2
2130
4180
RB
619
RB
624
Ammo
No
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Green
C566C-GFS-CV0Z0791
2130
12000
G7
520
G9
535
Bulk
Yes
Green
C566C-GFS-CV0Z0891
2130
12000
G8
525
G9
535
Bulk
Yes
Green
C566C-GFS-CW0X0781
3000
5860
G7
520
G8
530
Bulk
Yes
Green
C566C-GFS-CW0X0891
3000
5860
G8
525
G9
535
Bulk
Yes
Green
C566C-GFS-CX0Y0781
4180
8200
G7
520
G8
530
Bulk
Yes
Green
C566C-GFS-CX0Y0891
4180
8200
G8
525
G9
535
Bulk
Yes
Green
C566C-GFN-CV0Z0791
2130
12000
G7
520
G9
535
Bulk
No
Green
C566C-GFN-CV0Z0891
2130
12000
G8
525
G9
535
Bulk
No
Green
C566C-GFN-CW0X0781
3000
5860
G7
520
G8
530
Bulk
No
Green
C566C-GFN-CW0X0891
3000
5860
G8
525
G9
535
Bulk
No
Green
C566C-GFN-CX0Y0781
4180
8200
G7
520
G8
530
Bulk
No
Green
C566C-GFN-CX0Y0891
4180
8200
G8
525
G9
535
Bulk
No
Green
C566C-GFS-CV0Z0792
2130
12000
G7
520
G9
535
Ammo
Yes
Green
C566C-GFS-CV0Z0892
2130
12000
G8
525
G9
535
Ammo
Yes
Green
C566C-GFS-CW0X0782
3000
5860
G7
520
G8
530
Ammo
Yes
Green
C566C-GFS-CW0X0892
3000
5860
G8
525
G9
535
Ammo
Yes
Green
C566C-GFS-CX0Y0782
4180
8200
G7
520
G8
530
Ammo
Yes
Green
C566C-GFS-CX0Y0892
4180
8200
G8
525
G9
535
Ammo
Yes
Green
C566C-GFN-CV0Z0792
2130
12000
G7
520
G9
535
Ammo
No
Green
C566C-GFN-CV0Z0892
2130
12000
G8
525
G9
535
Ammo
No
Green
C566C-GFN-CW0X0782
3000
5860
G7
520
G8
530
Ammo
No
Green
C566C-GFN-CW0X0892
3000
5860
G8
525
G9
535
Ammo
No
Green
C566C-GFN-CX0Y0782
4180
8200
G7
520
G8
530
Ammo
No
Green
C566C-GFN-CX0Y0892
4180
8200
G8
525
G9
535
Ammo
No



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com