Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3576L-XX-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # P3576L-XX-S08-R
Description  50KHz, 2A PWM BUCK DC/DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P3576L-XX-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  P3576L-XX-S08-R Datasheet HTML 1Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 2Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 3Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 4Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 5Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P3576
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R103-054.E
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOP-8
15 :1.5V
28 :2.8V
AD:ADJ
PIN CONFIGURATION
1
2
3
4
8
7
6
5VSS
VSS
VSS
VSS
VCC
SW
FB
EN
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VCC
Operating voltage input
2
SW
Switching output
3
FB
Output voltage feedback control
4
EN
ON/OFF Shutdown
5~8
VSS
GND pin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com