Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3576L-XX-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P3576L-XX-S08-R
Description  50KHz, 2A PWM BUCK DC/DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P3576L-XX-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P3576L-XX-S08-R Datasheet HTML 1Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 2Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 3Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 4Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 5Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P3576
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R103-054.E
50KHz, 2A PWM BUCK DC/DC
CONVERTER
DESCRIPTION
The UTC P3576 series is a step-down switching regulator which is
able to provide 2A output current. The available versions of output
voltage are 2.5V, 3.3V, 5V, 12V and adjustable.
FEATURES
* Output load current: 2A
* Adjustable version output voltage range, 1.23V ~ 38.5V±4%
* Operating voltage can be up to 40V
* Low power standby mode
* High efficiency
* Internal current and thermal limit
* Built-in Switching Transistor On Chip.
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
P3576L-xx-S08-R
P3576G-xx-S08-R
SOP-8
Tape Reel
P3576L-xx-S08-T
P3576G-xx-S08-T
SOP-8
Tube


Similar Part No. - P3576L-XX-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P3576 UTC-P3576 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
P3576 UTC-P3576_15 Datasheet
227Kb / 6P
50KHz, 2A PWM BUCK DC/DC CONVERTER
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
More results

Similar Description - P3576L-XX-S08-R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1512 ANACHIP-AP1512 Datasheet
225Kb / 12P
50KHz, 2A/3A PWM Buck DC/DC Converter
Rev.1.1 Oct. 14, 2005
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
logo
Diodes Incorporated
AP1512A-K5L-13 DIODES-AP1512A-K5L-13 Datasheet
222Kb / 12P
50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
Rev 4
AP1512-50K5L-13 DIODES-AP1512-50K5L-13 Datasheet
228Kb / 12P
50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
Rev 4
logo
Unisonic Technologies
P3576 UTC-P3576_15 Datasheet
227Kb / 6P
50KHz, 2A PWM BUCK DC/DC CONVERTER
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
AP1512 DIODES-AP1512 Datasheet
283Kb / 12P
50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
May 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com