Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3576L-XX-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # P3576L-XX-S08-R
Description  50KHz, 2A PWM BUCK DC/DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P3576L-XX-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  P3576L-XX-S08-R Datasheet HTML 1Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 2Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 3Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 4Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 5Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P3576
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-054.E
BLOCK DIAGRAM
VCC
200mV
220mV
EN
Start
Up
2.5V
Regulator
1.235V
Reference
Current
Source
Bias
FB
R2
R1
+
-
AMP
COMP.
+
-
COMP.
50kHZ
OSC.
COMP.
+
-
COMP.
-
+
Current
Limit
Control
+
Driver
Thermal
Shutdown
2A
Switch
SW
VSS
ADJ : R2=0Ω, R1=OPEN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com