Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3576L-XX-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # P3576L-XX-S08-R
Description  50KHz, 2A PWM BUCK DC/DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P3576L-XX-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  P3576L-XX-S08-R Datasheet HTML 1Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 2Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 3Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 4Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 5Page - Unisonic Technologies P3576L-XX-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P3576
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R103-054.E
TYPICAL APPLICATION CIRCUIT
VIN=12V
C1
470μF
C2
0.1μF
C3
470μF
C6
0.1μF
D1
3A/40V
R1
4.7K
R2
1.5K
47μH
L1
1
2
2
1
3
4
5
6
7
8
VSS
VSS
VSS
VSS
VCC
SW
FB
EN
UTC P3576
U1
VOUT=5.0V/2A
(1) Adjustable Output Voltage Version
VIN=12V
C1
470μF
C2
0.1μF
C3
470μF
C6
0.1μF
D1
2A/40V
R1
1.8K
R2
1.8K
33μH
L1
1
2
2
1
3
4
5
6
7
8
VSS
VSS
VSS
VSS
VCC
SW
FB
EN
UTC P3576
U1
VOUT=2.5V/2A
ON/OFF
C4
0.1μF
R3
100K
(2) Adjustable Output Voltage Version With Delayed Startup
VOUT=VFB×(1+R1/R2), VFB=1.23V, R2=0.47K ~ 3K
Table 1 Resistor select for output voltage setting
VOUT
R2
R1
5V
1.5K
4.7K
1.8K
5.6K
3.3V
1.5K
2.5K
1.8K
3.0K
2.5V
1.8K
1.8K
1.8V
1.8K
0.82K
L1 recommend value (IOUT=2A)
VOUT
2.5V
3.3V
5V
12V
VIN=12V
33μH
33μH
47μH
NA
VIN=24V
33μH
33μH
47μH
68μH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com