Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3017-N20-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PA3017-N20-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3017-N20-R Datasheet(HTML) 3 Page - Unisonic Technologies

  PA3017-N20-R Datasheet HTML 1Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 2Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 3Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 4Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 5Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 6Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 7Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 8Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PA3017
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R502-224.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
6
V
Input Voltage
VIN
-0.3~VDD~+0.3
V
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient
θJA
87.9
℃
/W
ELECTRICAL CHARACTERISTICS (TA= 25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
DC ELECTRICAL CHARACTERISTICS
Supply Voltage
VDD
4.5
5
5.5
V
High-Level Input Voltage
VIH
SHUTDOWN , GAIN0, GAIN1
2
V
Low-Level Input Voltage
VIL
SHUTDOWN , GAIN0, GAIN1
0.8
V
DC Differential Output Voltage
VOUT(DIFF) VDD= 5V, Gain = 2
5
25
mV
Supply Current in Mute Mode
IDD
SHUTDOWN =2V
10.7
mA
Supply Current, Shutdown Mode
IDD(SD)
SHUTDOWN =0.8V
80
300
µA
High-Level Input Current
|IIH|
VDD= 5.5V, VIN = VDD
1
µA
Low-Level Input Current
|IIL|
VDD=5.5V, VIN = 0V
1
µA
AC ELECTRICAL CHARACTERISTICS (VDD = 5.0V, RL = 8Ω, G=-2V/V)
Output Power
POUT
THD =1%, BTL, RL= 4Ω, G=-2V/V
1.9
W
Total Harmonic Distortion Plus Noise
THD+N
POUT= 1W, BTL, RL= 8Ω, F=20Hz to
5kHz
0.05
@1KHz
%
Max Output Power Bandwidth
BOM
THD = 5%
15
kHz
Power Supply Ripple Rejection
PSRR
VDD= 4.5 V ~ 5.5 V
77
dB
Signal-to-Noise Ratio
SNR
POUT= 500mW, BTL, G=-2V/V
100
dB
Output Noise Voltage
VN
CB=0.47µF, f=20 Hz ~20 kHz
20.3
µV
(rms)
Supply Ripple Rejection Ratio
KSVR
f =1kHz, CB=0.47µF
-75
dB
Note: Output power is measured at the output terminals of the IC at 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com