Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3017-N20-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA3017-N20-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3017-N20-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button PA3017-N20-R Datasheet HTML 2Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 3Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 4Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 5Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 6Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 7Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 8Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 9Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PA3017
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R502-224.B
APPLICATION INFORMATION
Shutdown Mode Operating
SHUTDOWN PIN INPUT
THE AMPLIFIER’S OUTPUT
LOW
MUTE(the current of this device will be reduced to 160µA )
HIGH
BTL
OTHERS
Don’t Care
CI(Input Capacitor)
The value of CI is important to consider as it directly affects the bass performance of the application circuit. When CI
is required to allow the amplifier to bias the input signal to the proper dc level for optimum operation, it’s value can be
calculate by this equation:
CI=1/(2πRIFC)
RI:Input Impedance
FC:High-pass Filter’s Frequency
The low leakage tantalum or ceramic capacitors are suggested to be used as the input coupling capacitors, because
of the small leakage current of the input ca-pacitors will cause the dc offset voltage at the input to the amplifier that
reduces the operation headroom, especially at the high gain applications. It is important to let the positive side
connecting to the higher dc level of the application when using the polarized capacitors.
Gain setting (VS GAIN0, GAIN1 and RI)
Gain setting is determined by GAIN0 and GAIN1. The gains listed in the next table are realized by changing the taps
on the input resistors inside the amplifier which will cause the internal input impedance(R I) to be dependent on the
gain setting as we can see listed in the next table.
AV(dB)
GAIN0
GAIN1
R I(kΩ)
6
0
0
90
10
0
1
70
15.6
1
0
45
21.6
1
1
25



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com