Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3017-N20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA3017-N20-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3017-N20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA3017-N20-R Datasheet HTML 1Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 2Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 3Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 4Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 5Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 6Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 7Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 8Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA3017
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-224.B
2W STEREO AUDIO AMPLIFIER
DESCRIPTION
As a stereo audio speaker which is operating on a single 5V
supply, the UTC PA3017 is capable of delivering 2W of output
power per channel into 3Ω loads with less than 1% THD+N. Way of
two terminals (GAIN0 and GAIN1) can configured and control the
amplifier gain. It also provide gain settings of 6 dB, 10 dB, 15.6 dB,
and 21.6 dB (inverting). Other features include internal gain control
which requires few external components, an active-low shutdown
mode input and thermal shutdown protection.
FEATURES
* 2W output power into 3Ω load from 5V supply each channel
* Gain control internally
* Differential input fully
* Depop circuitry
* Shutdown protection thermally
Lead-free:
PA3017L
Halogen-free:PA3017G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Halogen Free
Package
Packing
PA3017-N20-R
PA3017L-N20-R
PA3017G-N20-R
HTSSOP-20
Tape Reel


Similar Part No. - PA3017-N20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3017-N20-R UTC-PA3017-N20-R Datasheet
293Kb / 10P
2W STEREO AUDIO AMPLIFIER
More results

Similar Description - PA3017-N20-R

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
2W Stereo Audio Amplifier
G1432 GMT-G1432 Datasheet
334Kb / 15P
2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3017 UTC-PA3017 Datasheet
293Kb / 10P
2W STEREO AUDIO AMPLIFIER
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
2W STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com