Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3017-N20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA3017-N20-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3017-N20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA3017-N20-R Datasheet HTML 1Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 2Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 3Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 4Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 5Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 6Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 7Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 8Page - Unisonic Technologies PA3017-N20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PA3017
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R502-224.B
TYPICAL APPLICATION CIRCUITS
Gain
Control
Power
Management
17 RIN-
Right
Line
Input
Signal
CRIN+
0.47µF
7RIN+
2GAIN0
3GAIN1
5LIN-
Left
Line
Input
Signal
9LIN+
CLIN+
0.47µF
8
LOUT-
4
LOUT+
GND
SHUTDOWN 19
BYPASS
10
VDD 16
PVDD 6, 15
ROUT-
14
ROUT+ 18
1, 11,
13, 20
To System
Control
CSR
0.1µF
VDD
CSR
0.1µF
CBYP
0.47µF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com