Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2058 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC2058
Description  Dual 4V to 36V Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2058 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC2058 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2058 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2058 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2058 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2058 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2058 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2058 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2058 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2058 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
©2008-2010 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC2058
Dual 4V to 36V Amplifier
F E A T U R E S
n
Unity gain stable
n
100dB voltage gain
n
5.5MHz gain bandwidth product
n
0.5MΩ input resistance
n
100dB power supply rejection ratio
n
95dB common mode rejection ratio
n
4V to 36V single supply voltage range
n
±2V to ±18V dual supply voltage range
n
Gain and phase match between amps
n
CLC2058: improved replacement for
NJM4558 and MC1458
n
CLC2058: Pb-free SOIC-8
A P P L I C A T I O N S
n
Active Filters
n
Audio Amplifiers
n
Audio AC-3 Decoder Systems
n
General purpose dual ampliifer
General Description
The COMLINEAR CLC2058 is a dual voltage feedback amplifier that is inter-
nally frequency compensated to provide unity gain stability. The CLC2058
offers 3.5MHz of bandwidth at a gain of 2. The CLC2058 also features high
gain, low input voltage noise, high input resistance, and superb channel sepa-
ration making it well suited for audio filter applications in set-top-boxes, DVD
players, and televisions.
The COMLINEAR CLC2058 is designed to operate over a wide power supply
voltage range, ±2V to ±18V (4V to 36V). It utilizes an industry standard
dual amplifier pin-out and is available in a Pb-free, RoHS compliant SOIC-8
package.
Typical Application - 2nd Order Low-Pass Audio Filter
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC2058ISO8X
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1.
V
CC =+12V
C6
0.1µF
R5
10kΩ
R4
6.8kΩ
R3
3.3kΩ
R2
10kΩ
R1
20kΩ
C5
1000pF
C3
0.1µF
C1
150pF
C4
22µF/25V
C2
22µF/25V
VIN
VOUT
+
–
8
1(7)
2(6)
4
V
EE =-12V
3(5)
CLC2058


Similar Part No. - CLC2058

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058 Datasheet
1Mb / 12P
Dual 4V to 36V Amplifier
logo
Exar Corporation
CLC2058 EXAR-CLC2058 Datasheet
985Kb / 13P
Dual 4V to 36V Amplifier
logo
Cadeka Microcircuits LL...
CLC2058ISO8X CADEKA-CLC2058ISO8X Datasheet
1Mb / 12P
Dual 4V to 36V Amplifier
logo
Exar Corporation
CLC2058ISO8X EXAR-CLC2058ISO8X Datasheet
985Kb / 13P
Dual 4V to 36V Amplifier
More results

Similar Description - CLC2058

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058 Datasheet
1Mb / 12P
Dual 4V to 36V Amplifier
CLC2059 CADEKA-CLC2059 Datasheet
1Mb / 13P
Dual, Low Noise, 4V to 36V Amplifier
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
logo
Cadeka Microcircuits LL...
NJM4558 CADEKA-NJM4558 Datasheet
1Mb / 13P
Dual 4V to 36V Amplifier
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
logo
Exar Corporation
CLC2058 EXAR-CLC2058 Datasheet
985Kb / 13P
Dual 4V to 36V Amplifier
CLC2059 EXAR-CLC2059 Datasheet
970Kb / 13P
Dual, Low Noise, 4V to 36V Amplifier
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
Input Voltage Range 4V to 36V
April 1, 2012
logo
Renesas Technology Corp
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com