Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT10N10G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT10N10G-TN3-R
Description  10A, 100V N-CHANNEL MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT10N10G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT10N10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT10N10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT10N10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT10N10
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-714.a
10A, 100V N-CHANNEL
MOSFET
DESCRIPTION
The UTC UTT10N10 is an N-channel enhancement mode power
MOSFET using UTC’s advanced technology to provide the
customers with a minimum on-state resistance, high switching speed
and ultra low gate charge. It also can withstand high energy pulse in
the avalanche and commutation mode.
FEATURES
* RDS(on) =142mΩ @VGS = 10 V,ID=6.4A
* High Switching Speed
* Low CRSS (Typically 20pF)
* Low Gate Charge(Typically 12nC)
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT10N10L-TN3-R
UTT10N10G-TN3-R
TO-252
G
D
S
Tape Reel
UTT10N10L-TN3-T
UTT10N10G-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT10N10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT10N10G-TN3-R UTC-UTT10N10G-TN3-R Datasheet
158Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results

Similar Description - UTT10N10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com