Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT12P10G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT12P10G-TN3-R
Description  100V, 12A P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT12P10G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT12P10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UTT12P10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
VER.a
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS=-80V, VGS=-10V, ID=-19A,
See Fig 3 (Note 2)
21
27
nC
Gate to Source Charge
QGS
4.6
nC
Gate to Drain ("Miller") Charge
QGD
11.5
nC
Turn-ON Delay Time
tD(ON)
VDD=-50V, ID=-19A, RG=9.1Ω,
RD = 2.4Ω, See Fig. 1(Note 2)
16
ns
Rise Time
tR
73
ns
Turn-OFF Delay Time
tD(OFF)
34
ns
Fall-Time
tF
57
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
-19
A
Maximum Body-Diode Pulsed Current
ISM
(Note 1)
-72
A
Drain-Source Diode Forward Voltage
VSD
TJ=25°C, IS=-19A,VGS=0V(Note 2)
-5.0
V
Body Diode Reverse Recovery Time
tRR
TJ=25°C, IF=-19A,
di/dt=100A/µs (Note 2)
130 260
ns
Body Diode Reverse Recovery Charge
QRR
0.35 0.70
µC
Notes: 1. Repetitive rating; pulse width limited by max. junction temperature.
2. Pulse width≤300µs; duty cycle≤2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com