Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT12P10G-TN3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTT12P10G-TN3-R
Description  100V, 12A P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT12P10G-TN3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UTT12P10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UTT12P10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-722.a
TEST CIRCUITS AND WAVEFORMS(Cont.)
Driver Gate Drive
(Note 1)
(Note 2)
(Note 3)
D.U.T. ISD Waveform
For N and P Channel Power MOSFET
*** VGS=5V for Logic Level and 3V Drive Devices
Ripple≤5
%
Inductor Curent
Body Diode
Forward Drop
Diode
Recovery
dv/dt
Body Diode Forward Current
di/dt
D.U.T. VDS Waveform
ISD
Re-Applied
Voltage
Reverse
Recovery
Current
VDD
VGS=10V *
D=
P.W.
Period
Period
P.W.
Notes: 1. Repetitive rating; pulse width limited by max. junction temperature.
2. VDD=-25V, starting TJ=25°C, L=2.7mH, RG=25Ω, IAS=-19A. (See Figure 2)
3. ISD≤-19A, di/dt≤200A/µs, VDD≤BVDSS, TJ≤175°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com