Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT12P10G-TN3-R Datasheet (PDF) - Unisonic Technologies

UTT12P10G-TN3-R Datasheet PDF - Unisonic Technologies
Part # UTT12P10G-TN3-R
Download  UTT12P10G-TN3-R Download
File Size   242.42 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 100V, 12A P-CHANNEL POWER MOSFET

UTT12P10G-TN3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT12P10G-TN3-R Datasheet PDF - Unisonic Technologies

Part # UTT12P10G-TN3-R
Download  UTT12P10G-TN3-R Click to download

File Size   242.42 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 100V, 12A P-CHANNEL POWER MOSFET

UTT12P10G-TN3-R Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UTT12P10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT12P10G-TN3-R UTC-UTT12P10G-TN3-R Datasheet
376Kb / 6P
P-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
UTT12P10G-TN3-R VBSEMI-UTT12P10G-TN3-R Datasheet
1Mb / 9P
P-Channel 100 V (D-S) MOSFET
More results


Similar Description - UTT12P10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ20 INTERSIL-BUZ20 Datasheet
42Kb / 5P
12A, 100V, 0.200 Ohm, N-Channel Power MOSFET
October 1998
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
-12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
February 1999
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
June 1999
logo
ON Semiconductor
MTD2955V ONSEMI-MTD2955V Datasheet
74Kb / 10P
Power MOSFET 12A, 60V P-Channel DPAK
April, 2004 ??Rev. 7
logo
Unisonic Technologies
12N10 UTC-12N10 Datasheet
194Kb / 5P
12A, 100V N-CHANNEL POWER MOSFET
UF9Z24 UTC-UF9Z24 Datasheet
155Kb / 3P
12A, 55V P-CHANNEL POWER MOSFET
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
70A, 100V P-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
-40A, -100V P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
-100V P-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com