Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT12P10G-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTT12P10G-TN3-R
Description  100V, 12A P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT12P10G-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UTT12P10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTT12P10G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UTT12P10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-722.a
TEST CIRCUITS AND WAVEFORMS
RD
-10V
RG
VGS
VDS
D.U.T.
VDD
Pulse Width≤1μs
Duty Factor≤0.1%
VDS
90%
10%
VGS
TD(ON) TR
TD(OFF) TF
Fig. 1a Switching Time Test Circuit
Fig. 1b Switching Time Waveforms
Fig. 2a Unclampled Inductive Test Circuit
Fig. 2b Unclampled Inductive Waveforms
Fig.3a Gate Charge Test Circuit
Fig. 3b Gate Charge Waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com