Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT16P10G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT16P10G-TN3-R
Description  100V, 16A P-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT16P10G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT16P10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT16P10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT16P10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT16P10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT16P10
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-748.a
100V, 16A P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT16P10 is a P-channel power MOSFET using UTC’s
advanced technology to provide the customers with high switching
speed, cost-effectiveness and a minimum on-state resistance. It can
also withstand high energy in the avalanche.
FEATURES
* RDS(ON)<0.21Ω @ VGS=-10V, ID=-16A
* High Switching Speed
SYMBOL
1.Gate
2.Drain
3.Source
TO-252
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT16P10L-TN3-R
UTT16P10G-TN3-R
TO-252
G
D
S
Tape Reel
UTT16P10L-TN3-T
UTT16P10G-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UTT16P10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT100N05 UTC-UTT100N05 Datasheet
129Kb / 3P
100A, 50V N-CHANNEL POWER MOSFET
UTT100N05G-TA3-T UTC-UTT100N05G-TA3-T Datasheet
129Kb / 3P
100A, 50V N-CHANNEL POWER MOSFET
UTT100N05L-TA3-T UTC-UTT100N05L-TA3-T Datasheet
129Kb / 3P
100A, 50V N-CHANNEL POWER MOSFET
UTT100N06 UTC-UTT100N06 Datasheet
134Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT100N06G-TA3-T UTC-UTT100N06G-TA3-T Datasheet
134Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - UTT16P10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12P10 UTC-12P10_11 Datasheet
270Kb / 6P
9.4A, 100V P-CHANNEL POWER MOSFET
UTT18P10 UTC-UTT18P10 Datasheet
243Kb / 6P
100V, 19A P-CHANNEL POWER MOSFET
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
25A, 100V P-CHANNEL POWER MOSFET
UTT50P10 UTC-UTT50P10 Datasheet
127Kb / 2P
-50A, -100V P-CHANNEL POWER MOSFET
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
70A, 100V P-CHANNEL POWER MOSFET
UF9530 UTC-UF9530 Datasheet
150Kb / 6P
-14A, -100V P-CHANNEL POWER MOSFET
UT23P09 UTC-UT23P09 Datasheet
171Kb / 6P
-23A, -100V P-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
-40A, -100V P-CHANNEL POWER MOSFET
UF9520S UTC-UF9520S Datasheet
177Kb / 5P
-6.8A, -100V P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
-100V P-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com