Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1998 Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1998
Description  AC Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1998 Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1998 Datasheet HTML 1Page - Clare, Inc. CPC1998 Datasheet HTML 2Page - Clare, Inc. CPC1998 Datasheet HTML 3Page - Clare, Inc. CPC1998 Datasheet HTML 4Page - Clare, Inc. CPC1998 Datasheet HTML 5Page - Clare, Inc. CPC1998 Datasheet HTML 6Page - Clare, Inc. CPC1998 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
R01
www.clare.com
2
CPC1998
1
.Specifications
1.1 Absolute Maximum Ratings @ 25°C
1 Derate linearly 1.33mW / °C.
2 Free air, no heat sink.
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.2 Electrical Characteristics @ 25°C
1 Tested at a peak value equivalent.
2 Zero-cross first half-cycle @ < 100Hz.
3 Snubber circuits may be required at low power factors.
4 For high-noise environments, or high-frequency operation (>60Hz), or for applications with a high inductive load, use I
F ≥ 10mA.
Symbol
Min
Max
Units
Blocking Voltage
-
800
VP
Reverse Input Voltage
-
5
V
Input Control Current
-
50
mA
Peak (10ms)
-
1
A
Input Power Dissipation 1
-150
mW
Total Power Dissipation 2
-3.5
W
I2t for Fusing
(1/2 Sine Wave, 60Hz)
-200
A2s
Isolation Voltage, Input to Output
-
2500
Vrms
ESD, Human Body Model
-
8
kV
Operational Temperature
- 40
+85
°C
Storage Temperature
- 40
+125
°C
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Output Characteristics
Load Current
Continuous
No Heat Sink, VL=20-240Vrms
IL
0.1
-
5
Arms
Continuous
TC=25°C
0.1
-
50
Maximum Surge Current
1/2 Sine Wave, 60Hz
IP
--
150
A
Off-State Leakage Current
VL=800V
ILEAK
--
100
μA
P
On-State Voltage Drop 1
IL=2AP
-
-0.85
1.1
VP
Off-State dV/dt
IF=0mA
dV/dt
1000
-
-
V/
μs
Switching Speeds
Turn-On
IF=5mA
ton
--
0.5
cycles
Turn-Off
toff
--
0.5
Zero-Cross Turn-On Voltage
1st half-cycle
-
-5
20
V
subsequent half-cycle
--
-
5
Holding Current
-
IH
-44
50
mA
Latching Current
-
IL
-48
75
mA
Operating Frequency 2
-
-20
-
500
Hz
Load Power Factor for Guaranteed Turn-On 3
f=60Hz
PF
0.25
-
-
-
Input Characteristics
Input Control Current 4
IL=1A Resistive, f=60Hz
IF
--
5
mA
Input Dropout Voltage
-
-0.8
-
-
V
Input Voltage Drop
IF=5mA
VF
0.9
1.2
1.4
V
Reverse Input Current
VR=5V
IR
--
10
μA
Input/Output Characteristics
Capacitance, Input-to-Output
-
CI/O
--
3
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com