Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1998 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1998
Description  AC Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1998 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1998 Datasheet HTML 1Page - Clare, Inc. CPC1998 Datasheet HTML 2Page - Clare, Inc. CPC1998 Datasheet HTML 3Page - Clare, Inc. CPC1998 Datasheet HTML 4Page - Clare, Inc. CPC1998 Datasheet HTML 5Page - Clare, Inc. CPC1998 Datasheet HTML 6Page - Clare, Inc. CPC1998 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
R01
www.clare.com
4
CPC1998
3
Performance Data*
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not
indicated in the written specifications, please contact our application department.
LED Forward Voltage (V)
1.25
1.26
1.27
1.28
1.29
1.30
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(N=50, I
F=5mA, TA=25ºC)
LED Forward Current (mA)
2.66
2.70
2.74
2.78
2.822.86
2.90
0
5
10
15
20
25
Typical I
F for Switch Operation
with 1A Resistive Load
(N=50, V
L=120VAC/60Hz, TA=25ºC)
Forward Voltage Drop (V)
0.856 0.859 0.862 0.865 0.868 0.871 0.874
0
5
10
15
20
25
Forward Voltage Drop Distribution
(N=50, I
F=5mA, IL=2A, TA=25ºC)
Zero-Cross Voltage (V)
6.2
6.4
6.6
6.8
7.0
7.2
7.4
0
5
10
15
20
Zero-Cross Voltage
(N=50, I
F=5mA, TA=25ºC)
Blocking Voltage (V
P)
874
876
878880
882
884
886
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
Temperature (ºC)
-40
-20
0
204060
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
Temperature (ºC)
-40
-20
0
204060
80
100
2.5
3.0
3.5
4.0
4.5
LED Forward Current to Operate
vs. Temperature - Resistive Load
(I
L=1A, fL=60Hz)
Temperature (ºC)
-40
-20
0
204060
80
100
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
LED Forward Current to Operate
vs. Temperature - Inductive Load
(I
L=500mA, fL=60Hz, LL=400mH)
Load Frequency (Hz)
0
100
200
300
400
500
600
2.5
3.0
3.5
4.0
4.5
5.0
LED Current to Operate
vs. Load Frequency - Resistive Load
(V
P=71V, RL=10Ω, IL=7A, TA=25ºC)
Load Frequency (Hz)
0
100
200
300
400
500
600
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
LED Current to Operate
vs. Load Frequency - Inductive Load
(V
L=200V, ZL=400mH/220Ω, TA=25ºC)
Load Frequency (Hz)
0
100
200
300
400
500
600
5.10
5.12
5.14
5.16
5.18
5.20
LED Current to Operate
vs. Load Frequency- Inductive Load
(V
L=200V, ZL=196mH/110Ω, TA=25ºC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com