Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1998 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1998
Description  AC Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1998 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1998 Datasheet HTML 1Page - Clare, Inc. CPC1998 Datasheet HTML 2Page - Clare, Inc. CPC1998 Datasheet HTML 3Page - Clare, Inc. CPC1998 Datasheet HTML 4Page - Clare, Inc. CPC1998 Datasheet HTML 5Page - Clare, Inc. CPC1998 Datasheet HTML 6Page - Clare, Inc. CPC1998 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
e3
RoHS
2002/95/EC
DS-CPC1998 - R01
www.clare.com
1
Characteristics
Features
• Load Current up to 20A
rms with 5°C/W Heat Sink
• 800V
P Blocking Voltage
• 5mA Control Current
• Zero-Cross Switching
• 2500V
rms Isolation, Input to Output
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• Machine Insertable, Wave Solderable
Applications
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
Approvals
• UL 508 Recognized Component: File E69938
Description
CPC1998J is an AC Solid State Switch utilizing dual
power SCR outputs. This device also includes
zero-cross turn-on circuitry and is specified with an
800VP blocking voltage.
Tightly controlled zero-cross circuitry ensures low
noise switching of AC loads by minimizing the
generation of transients. The optically coupled input
and output circuits provide exceptional noise immunity
and 2500Vrms of isolation between the control and the
output. As a result, the CPC1998 is well suited for
industrial environments where electromagnetic
interference would disrupt the operation of plant facility
communications and control systems.
The unique i4-PAC package pioneered by IXYS allows
Solid State Relays to achieve the highest load current
and power ratings. This package features a unique
IXYS process in which the silicon chips are soft
soldered onto the Direct Copper Bond (DCB)
substrate instead of the traditional copper leadframe.
The DCB ceramic, the same substrate used in high
power modules, not only provides 2500Vrms isolation
but also very low thermal resistance (0.35 °C/W).
Ordering Information
Pin Configuration
Parameter
Rating
Units
AC Operating Voltage
20-240
Vrms
Load Current
With 5°C/W Heat Sink
20
Arms
No Heat Sink
5
On-State Voltage Drop
1.1
VP (at IL=2AP)
Blocking Voltage
800
VP
RθJC
0.35
°C/W
Part
Description
CPC1998J
i4-PAC Package (25 per tube)
2
1
– LED
+ LED
AC Load
4
3
ZC
CPC1998
AC Power Switch


Similar Part No. - CPC1998

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1998 IXYS-CPC1998 Datasheet
215Kb / 7P
AC Power Switch
CPC1998J IXYS-CPC1998J Datasheet
215Kb / 7P
AC Power Switch
CPC1998J IXYS-CPC1998J Datasheet
196Kb / 3P
Power Relay Branding
CPC1998J IXYS-CPC1998J Datasheet
250Kb / 7P
INTEGRATED CIRCUITS DIVISION
More results

Similar Description - CPC1998

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
AC power switch
04-Jul-2007
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
AC Power Switch
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
AC Power Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com