Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1998 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1998
Description  AC Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1998 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1998 Datasheet HTML 1Page - Clare, Inc. CPC1998 Datasheet HTML 2Page - Clare, Inc. CPC1998 Datasheet HTML 3Page - Clare, Inc. CPC1998 Datasheet HTML 4Page - Clare, Inc. CPC1998 Datasheet HTML 5Page - Clare, Inc. CPC1998 Datasheet HTML 6Page - Clare, Inc. CPC1998 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRELIMINARY
3
www.clare.com
R01
CPC1998
2
Thermal Characteristics
2.1 Thermal Management
Device high current characterization was performed using Kunze heat sink KU 1-159, phase change thermal interface
material KU-ALC 5, and transistor clip KU 4-499/1. This combination provided an approximate junction-to-ambient
thermal resistance of 12.5°C/W.
2.2 Heat Sink Calculation
Higher load currents are possible by using lower thermal resistance heat sink combinations.
2.3 Thermal Performance Data
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Thermal Resistance (Junction to Case)
-
RθJC
-
-
0.35
°C/W
Thermal Resistance (Junction to Ambient)
Free Air
RθJA
-33-
°C/W
Junction Temperature (Operating)
-
TJ
-40
-
125
°C
R
θCA =
- R
θJC
(T
J - TA)
P
D
T
J = Junction Temperature (°C), TJ ≤ 125°C *
T
A = Ambient Temperature (°C)
R
θJC = Thermal Resistance, Junction to Case (°C/W) = 0.35°C/W
R
θCA = Thermal Resistance of Heat Sink & Thermal Interface Material , Case to Ambient (°C/W)
P
D = On-State Voltage (Vrms) • Load Current (Arms)
* Elevated junction temperature reduces semiconductor lifetime.
Heat Sink Rating
Load Current (A
rms)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
Output Power
vs. Load Current
Temperature (ºC)
0
25
50
75
100
125
0
5
10
15
20
25
30
35
40
Output Power
vs. Ambient Temperature
Heat Sink
1ºC/W
2ºC/W
5ºC/W
10ºC/W
15ºC/W
Free Air



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com