Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR155/S3 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # PLR155/S3
Description  Photo link Light Receiver Unit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLR155/S3 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  PLR155/S3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
http://www.everlight.com
Rev 4
Page: 3 of 8
Device NO: DPL-155-001
Prepared Date:07-25-2005
Prepared By: Chin-Chia Hsu
PLR155 Series
Absolute Maximum Ratings( Ta = 25 ºC)
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc
-0.5 ~ +5.5
V
Output Voltage
Vout
Vcc +0.3
V
Storage Temperature
Tstg
-40 to 85
ºC
Operating Temperature
Topr
-20 to 70
ºC
Soldering Temperature
Tsol
260*
ºC
* Soldering time
≤ 10 s.
Electro-Optical Characteristics(Ta=-20~70℃,Vcc=3V)
Parameter
Symbol
Conditions
MIN.
TYP. MAX. Unit
Power supply voltage
Vcc
-
2.40
3.00
5.50
V
Peak sensitivity wavelength
λp
-
-
650
-
nm
Maximum receiver power
Pc,max
Refer to Fig.1
-
-
-14
dBm
Minimum receiver power
Pc,min
Refer to Fig.1
-27
-
-
dBm
Dissipation current
Icc
Refer to Fig.2
-
4
12
mA
High level output voltage
VOH
Refer to Fig.3
2.1
2.5
-
V
Low level output voltage
VOL
Refer to Fig.3
-
0.2
0.4
V
Rise time
tr
Refer to Fig.3
10
20
ns
Fall time
tf
Refer to Fig.3
10
20
ns
Propagation delay Low to High
tPLH
Refer to Fig.3
-
-
120
ns
Propagation delay High to Low
tPHL
Refer to Fig.3
-
-
120
ns
Pulse Width Distortion
∆tw
Refer to Fig.3
-25
-
+25
ns
Refer to Fig.3, Pc=-14dBm
-
1
15
ns
Jitter
∆tj
Refer to Fig.3, Pc=-27dBm
-
5
20
ns
Transfer rate
T
NRZ signal
0.1
-
16
Mb/s
*Standard plastic optic fiber cable:1m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com