Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR155/S3 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # PLR155/S3
Description  Photo link Light Receiver Unit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLR155/S3 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  PLR155/S3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
http://www.everlight.com
Rev 4
Page: 7 of 8
Device NO: DPL-155-001
Prepared Date:07-25-2005
Prepared By: Chin-Chia Hsu
PLR155 Series
RELIABILITY TEST ITEMS
Test
Sample Size
Number (n)
No.
Item
Test Condition
Hour/Cycle
(Piece)
Failure (c)
1
Soldering Heat
260℃±5℃
10 seconds
22
n=22, c=0
2
High Temp. Storage Ta=100℃
1000hrs
22
n=22, c=0
3
Low Temp. Storage
Ta=-55℃
1000hrs
22
n=22, c=0
High Temp. &
4
Humid. Test
Ta=85℃, RH=85%
1000hrs
22
n=22, c=0
-40℃
~~~~
85℃
5
Temperature Cycle
(30min) (5min) (30min)
300cycle
22
n=22, c=0
-10℃
~~~~
100℃
6
Thermal Shock
(5min) (10sec) (5min)
300cycle
22
n=22, c=0
7
DC Operating Life
Vcc=5V, Ta=25℃
1000hrs
22
n=22, c=0
*Icc(mA): Current Consumption DIFFERENCE (END) <±20%
*PWD(ns): Pluse Width Distortion < Standard ±25(ns) ;
Pluse Width Distortion DIFFERENCE(END)<±5(ns)
JUDGEMENT:ACCEPTABLE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com