Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR155/S3 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # PLR155/S3
Description  Photo link Light Receiver Unit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLR155/S3 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  PLR155/S3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
http://www.everlight.com
Rev 4
Page: 1 of 8
Device NO: DPL-155-001
Prepared Date:07-25-2005
Prepared By: Chin-Chia Hsu
Technical Data Sheet
Photo link Light Receiver Unit
PLR155 Series
Features
1. High PD sensitivity optimized for red light
2. Data : NRZ signal
3. Low power consumption for extended battery
life
4. Built-in threshold control for improved noise
Margin
5. Good ESD protection: up to 8KV
6. Pb Free
7. Receiver sensitivity: up to –27dBm (Min. for 16Mbps)
up to –21dBm (Min. for 25Mbps)
8.
The product itself will remain within RoHS compliant version.
Descriptions
The optical receiver is packaged with custom
optic data link interface, integrated on a proprietary
CMOS PDIC process.
The unit functions by converting optical signals
into electric ones.
The unit is operated at 2.4 ~ 5.5 V and the signal
output interface is TTL compatible with high
performance at low power consumption.
Applications
1. Digital Optical Data-Link
2. Dolby AC-3 Digital Audio Interface


Similar Part No. - PLR155/S3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PLR155/S3 EVERLIGHT-PLR155/S3 Datasheet
116Kb / 7P
Technical Data Sheet Photo link Light Receiver Unit
04-06-2004
More results

Similar Description - PLR155/S3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLR131 ETC-PLR131 Datasheet
113Kb / 5P
Technical Data Sheet Photo link Light Receiver Unit
PLR132 ETC-PLR132 Datasheet
130Kb / 7P
Photo-link Light Receiver Unit
logo
Everlight Electronics C...
PLR155 EVERLIGHT-PLR155 Datasheet
116Kb / 7P
Technical Data Sheet Photo link Light Receiver Unit
04-06-2004
PLR135 EVERLIGHT-PLR135 Datasheet
147Kb / 8P
Technical Data Sheet Photo link Light Receiver Unit
07-25-2005
PLT132 EVERLIGHT-PLT132_05 Datasheet
181Kb / 5P
Photo-link Light Transmitter Unit
PLR137 EVERLIGHT-PLR137 Datasheet
120Kb / 9P
Photo link Light Receiver Unit
2008/3/30
PLR233 EVERLIGHT-PLR233 Datasheet
151Kb / 8P
Photo link Light Receiver Unit
06-01-2006
PLR253 EVERLIGHT-PLR253 Datasheet
146Kb / 8P
Photo link Light Receiver Unit
05-15-2006
EAPLTAA7 EVERLIGHT-EAPLTAA7 Datasheet
271Kb / 5P
Photo-link Light Transmitter Unit
06.15.2013
EAPLTBA4 EVERLIGHT-EAPLTBA4 Datasheet
356Kb / 5P
Photo-link Light Transmitter Unit
05.22.2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com