Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR155/S3 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # PLR155/S3
Description  Photo link Light Receiver Unit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLR155/S3 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  PLR155/S3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PLR155/S3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
http://www.everlight.com
Rev 4
Page: 6 of 8
Device NO: DPL-155-001
Prepared Date:07-25-2005
Prepared By: Chin-Chia Hsu
PLR155 Series
Typical Electro-Optical Characteristics Curves
*Fig.4
Power supply voltage vs. Minimum
receiver power
*Fig.5
Transfer rate vs. Minimum receiver
power
2.02.5
3.03.5
4.04.5
5.05.5
6.0
-20
-22
-24
-26
-28
-30
Operating Transfer Rate
16Mbps
25Mbps
Operating Voltage (V)
0
5
10
15
20
25
-18
-20
-22
-24
-26
-28
-30
-32
Operating Voltage Vcc=3.3V
Transfer Rate (Mbps)
Note: Before using the PLR155 device, please confirm the minimum sensitivity at different
operating voltage and transmission rate.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com