Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR02 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR02
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR02 Datasheet HTML 3Page - Analog Devices ADR02 Datasheet HTML 4Page - Analog Devices ADR02 Datasheet HTML 5Page - Analog Devices ADR02 Datasheet HTML 6Page - Analog Devices ADR02 Datasheet HTML 7Page - Analog Devices ADR02 Datasheet HTML 8Page - Analog Devices ADR02 Datasheet HTML 9Page - Analog Devices ADR02 Datasheet HTML 10Page - Analog Devices ADR02 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Data Sheet
AD5737
Rev. B | Page 7 of 44
Timing Diagrams
MSB
SCLK
SYNC
SDIN
LDAC
LDAC = 0
CLEAR
1
2
24
LSB
t1
IOUT_x
IOUT_x
IOUT_x
t4
t6
t3
t2
t5
t8
t7
t10
t9
t10
t11
t12
t12
t16
t19
t17
t13
RESET
t18
t14
Figure 3. Serial Interface Timing Diagram
SYNC
MSB
MSB
LSB
LSB
INPUT WORD SPECIFIES
REGISTER TO BE READ
NOP CONDITION
t6
t15
SDIN
MSB
LSB
UNDEFINED
SELECTED REGISTER DATA
CLOCKED OUT
SDO
SCLK
24
24
1
1
Figure 4. Readback Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com