Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR02 Datasheet(PDF) 24 Page - Analog Devices

Part # ADR02
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADR02 Datasheet HTML 20Page - Analog Devices ADR02 Datasheet HTML 21Page - Analog Devices ADR02 Datasheet HTML 22Page - Analog Devices ADR02 Datasheet HTML 23Page - Analog Devices ADR02 Datasheet HTML 24Page - Analog Devices ADR02 Datasheet HTML 25Page - Analog Devices ADR02 Datasheet HTML 26Page - Analog Devices ADR02 Datasheet HTML 27Page - Analog Devices ADR02 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
AD5737
Data Sheet
Rev. B | Page 24 of 44
ENABLING THE OUTPUT
To correctly write to and set up the part from a power-on
condition, use the following sequence:
1. Perform a hardware or software reset after initial power-on.
2. Configure the dc-to-dc converter supply block. Set the
dc-to-dc switching frequency, the maximum output voltage
allowed, and the dc-to-dc converter phase between channels.
3. Configure the DAC control register on a per-channel basis.
Select the output range, and enable the dc-to-dc converter
block (DC_DC bit). Other control bits can also be config-
ured. Set the INT_ENABLE bit, but do not set the OUTEN
(output enable) bit.
4. Write the required code to the DAC data register. This step
implements a full internal DAC calibration. For reduced
output glitch, allow at least 200 µs before performing Step 5.
5. Write to the DAC control register again to enable the
output (set the OUTEN bit).
Figure 50 provides a flowchart of this sequence.
POWER ON.
STEP 1: PERFORM A SOFTWARE/HARDWARE RESET.
STEP 4: WRITE TO ONE OR MORE DAC DATA REGISTERS.
STEP 2: WRITE TO DC-TO-DC CONTROL REGISTER TO
SET DC-TO-DC CLOCK FREQUENCY, PHASE,
AND MAXIMUM VOLTAGE.
STEP 3: WRITE TO DAC CONTROL REGISTER. SELECT
THE DAC CHANNEL AND OUTPUT RANGE.
SET THE DC_DC BIT AND OTHER CONTROL
STEP 5: WRITE TO DAC CONTROL REGISTER. RELOAD
ALLOW AT LEAST 200µs BETWEEN STEP 3
AND STEP 5 FOR REDUCED OUTPUT GLITCH.
BITS AS REQUIRED. SET THE INT_ENABLE BIT
BUT DO NOT SET THE OUTEN BIT.
SEQUENCE AS IN STEP 3. SET THE OUTEN
BIT TO ENABLE THE OUTPUT.
Figure 50. Programming Sequence to Correctly Enable the Output
REPROGRAMMING THE OUTPUT RANGE
When changing the range of an output, the same sequence
described in the Enabling the Output section should be used.
It is recommended that the range be set to 0 V (zero scale or
midscale) before the output is disabled. Because the dc-to-dc
switching frequency, maximum output voltage, and phase have
already been selected, there is no need to reprogram these values.
Figure 51 provides a flowchart of this sequence.
CHANNEL OUTPUT IS ENABLED.
STEP 3: WRITE VALUE TO THE DAC DATA REGISTER.
STEP 1: WRITE TO CHANNEL’S DAC DATA
REGISTER. SET THE OUTPUT
TO 0V (ZERO OR MIDSCALE).
STEP 2: WRITE TO DAC CONTROL REGISTER.
DISABLE THE OUTPUT (OUTEN = 0) AND
STEP 4: WRITE TO DAC CONTROL REGISTER.
RELOAD SEQUENCE AS IN STEP 2.
SET THE NEW OUTPUT RANGE. KEEP THE
DC_DC BIT AND THE INT_ENABLE BIT SET.
SET THE OUTEN BIT TO ENABLE THE
OUTPUT.
Figure 51. Programming Sequence to Change the Output Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com