Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR02 Datasheet(PDF) 28 Page - Analog Devices

Part # ADR02
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADR02 Datasheet HTML 24Page - Analog Devices ADR02 Datasheet HTML 25Page - Analog Devices ADR02 Datasheet HTML 26Page - Analog Devices ADR02 Datasheet HTML 27Page - Analog Devices ADR02 Datasheet HTML 28Page - Analog Devices ADR02 Datasheet HTML 29Page - Analog Devices ADR02 Datasheet HTML 30Page - Analog Devices ADR02 Datasheet HTML 31Page - Analog Devices ADR02 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
AD5737
Data Sheet
Rev. B | Page 28 of 44
DAC Control Register
The DAC control register is used to configure each DAC channel. The DAC control register options are shown in Table 22 and Table 23.
Table 22. Programming the DAC Control Register
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
X1
X1
X1
X1
INT_ENABLE CLR_EN OUTEN RSET
DC_DC
X1
R2
R1
R0
1
X = don’t care.
Table 23. DAC Control Register Bit Descriptions
Bit Name
Description
INT_ENABLE
Powers up the dc-to-dc converter, DAC, and internal amplifiers for the selected channel. This bit applies to individual
channels only; it does not enable the output. After setting this bit, it is recommended that a >200 µs delay be observed
before enabling the output to reduce the output enable glitch. See Figure 24 for plots of this glitch.
CLR_EN
Per-channel clear enable bit. This bit specifies whether the selected channel is cleared when the CLEAR pin is activated.
0 = channel is not cleared when the part is cleared (default).
1 = channel is cleared when the part is cleared.
OUTEN
Enables or disables the selected output channel.
0 = channel disabled (default).
1 = channel enabled.
RSET
Selects the internal current sense resistor or an external current sense resistor for the selected DAC channel.
0 = external resistor selected (default).
1 = internal resistor selected.
DC_DC
Powers up or powers down the dc-to-dc converter on the selected channel. All dc-to-dc converters can be powered up
simultaneously using the DCDC_ALL bit in the main control register. To power down the dc-to-dc converter, the OUTEN
and INT_ENABLE bits must also be set to 0.
0 = dc-to-dc converter is powered down (default).
1 = dc-to-dc converter is powered up.
R2, R1, R0
Selects the output range to be enabled.
R2
R1
R0
Output Range Selected
0
0
0
Reserved
0
0
1
Reserved
0
1
0
Reserved
0
1
1
Reserved
1
0
0
4 mA to 20 mA current range
1
0
1
0 mA to 20 mA current range
1
1
0
0 mA to 24 mA current range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com